Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2895C Datasheet(PDF) 13 Page - ON Semiconductor

Part # FPF2895C
Description  28 V / 5 A Rated Current Limit Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2895C Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FPF2895C Datasheet HTML 6Page - ON Semiconductor FPF2895C Datasheet HTML 7Page - ON Semiconductor FPF2895C Datasheet HTML 8Page - ON Semiconductor FPF2895C Datasheet HTML 9Page - ON Semiconductor FPF2895C Datasheet HTML 10Page - ON Semiconductor FPF2895C Datasheet HTML 11Page - ON Semiconductor FPF2895C Datasheet HTML 12Page - ON Semiconductor FPF2895C Datasheet HTML 13Page - ON Semiconductor FPF2895C Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© 2017 Semiconductor Components Industries, LLC
www.onsemi.com
FPF2895C •
Rev 1
13
Physical Dimensions
Figure 10
– 24-Ball, 4×6 Array, 0.4 mm Pitch, Wafer-Level Chip-Scale Package (WLCSP)
BALL A1
INDEX AREA
1 2 3
D
E
F
SEATING PLANE
24X
A1
0.005
CA B
F
Ø0.260±0.02
0.40
2.00
0.40
1.20
(X) ±0.018
(Y) ±0.018
E
D
0.06 C
0.05 C
E
D
F
0.378±0.018
0.196±0.020
NOTES
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASMEY14.5M, 2009.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS
574 ± 38 MICRONS (536-612 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILENAME: MKT-UC024AA REV3
0.03 C
2X
0.03 C
2X
C
B
A
0.574±0.038
0.40
2.00
1.20
(Ø0.230)
Bottom of Cu Pad
(Ø0.305)
Solder Mask
RECOMMENDED LAND PATTERN
(NSMD PAD TYPE)
TOP VIEW
BOTTOM VIEW
SIDE VIEWS
0.40
4
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com