Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 25 of 68
In the event of a fault on an input pin, the FAULT pin goes low or
high depending on the setting of the IRQ_POL bit in Register 0x15
to send an interrupt request to the system microcontroller. The
system microcontroller responds to the interrupt request by
communicating with the ADAU1977 via the I2C.
The following is the typical interrupt service routine:
1. An interrupt request is generated from the ADAU1977 to
the system microcontroller.
2. Read Register 0x11 through Register 0x14. (It is recom-
mended to read all four diagnostics status registers—
Register 0x11 through Register 0x14—in one sequence.
Reading the registers as a single read may not report the
status accurately.)
3. Write Register 0x15, Bit 6 (the IRQ_RESET bit).
4. Wait for the fault timeout period to expire.
5. If the fault was temporary and did not persist, the interrupt
service ends and the intermittent fault is ignored. If the
fault persists, another interrupt request is generated from
the ADAU1977, and the user should continue on to Step 6.
6. Repeat Step 2 through Step 4 four times.
7. If after the fifth reading, the diagnostics still report the
presence of a fault, the fault exists on the respective input
and must be attended to.
SERIAL AUDIO DATA OUTPUT PORTS—DATA
FORMAT
The serial audio port comprises four pins: BCLK, LRCLK,
SDATAOUT1, and SDATAOUT2. The ADAU1977 ADC outputs
are available on the SDATAOUT1 and SDATAOUT2 pins in
serial format. The BCLK and LRCLK pins serve as the bit clock
and frame clock, respectively. The port can be operated as master
or slave and can be set either in stereo mode (2-channel mode)
or in TDM multichannel mode. The supported popular audio
formats are I2S, left justified (LJ), right justified (RJ).
Stereo Mode
In 2-channel or stereo mode, the SDATAOUT1 outputs ADC
data for Channel 1 and Channel 2, and the SDATOUT2 outputs
ADC data for Channel 3 and Channel 4. Figure 24 through
Figure 28 show the supported audio formats.
Figure 24. I2S Audio Format
Figure 25. LJ Audio Format
Figure 26. RJ Audio Format
BCLK
LRCLK
SDATAOUT1
(I2S MODE)
SDATAOUT2
(I2S MODE)
NOTES
1. SAI = 0.
2. SDATA_FMT = 0 (I2S).
CHANNEL 1
CHANNEL 2
8 TO 32 BCLKs
8 TO 32 BCLKs
CHANNEL 3
CHANNEL 4
BCLK
LRCLK
SDATAOUT1
(LJ MODE)
SDATAOUT2
(LJ MODE)
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
NOTES
1. SDATA_FMT = 1 (LJ).
BCLK
LRCLK
SDATAOUT1
(RJ MODE)
SDATAOUT2
(RJ MODE)
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
NOTES
1. SDATA_FMT = 2 (RJ, 24-BIT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com