Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13471 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13471
Description  Symmetric IESNA Type I (medium) beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13471 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13471 Datasheet HTML 1Page - Ledil, Inc. C13471 Datasheet HTML 2Page - Ledil, Inc. C13471 Datasheet HTML 3Page - Ledil, Inc. C13471 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C13471_STRADA-A2
STRADA-A2
Symmetric IESNA Type I (medium) beam for
narrow roads and paths with long pole distance
and tilted armature. Optimized for CREE XT-E
and XP-G2.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
10.5 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
6.6 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-A2
Lens
PMMA
clear
Last update: 12/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C13471

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13472 LEDIL-C13472 Datasheet
387Kb / 7P
Strada Lens
C13476 LEDIL-C13476 Datasheet
1Mb / 4P
Forward throw beam for area lighting
More results

Similar Description - C13471

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
CS15911 LEDIL-CS15911 Datasheet
3Mb / 6P
IESNA Type II (medium) beam
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
CA13509 LEDIL-CA13509 Datasheet
2Mb / 7P
IESNA Type II (medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
C16395 LEDIL-C16395 Datasheet
2Mb / 3P
Symmetric IESNA Type I (medium) beam
C10818 LEDIL-C10818 Datasheet
1,010Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
C12219 LEDIL-C12219 Datasheet
916Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
CA10823 LEDIL-CA10823 Datasheet
1Mb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com