Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT1612DB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CT1612DB
Description  Crystal units surface mount type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CT1612DB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CT1612DB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units with Thermistor
Surface Mount Type CT1612DB
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
38400 to 76800
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
8
pF
Please contact us for other Load
Capacitance.
Frequency Tolerance
f_tol
±10
×10−6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
10
W
100 W max.
Operating Temp. Range
T_use
−30 to +85
°C
Storage Temp. Range
T_stg
−40 to +105
°C
Frequency Temp. Characteristics
f_tem
±12
×10−6
Thermistor Resistance
―
Table 2
ohm
25
°C±3°C
Thermistor B
-Constant
―
Table 3
K
25
°C to 50°C
Please contact us for other specications.
Table1 Motional Series Resistance
Frequency Range Motional Series Resistance
38400 to 76800kHz
80 max.
Table2 Thermistor Resistance
Resistance
Specification
22k
±1%
100k
±1%
Table3 Thermistor B
-Constant
B
-Constant
Specification
3380K
±1%
4250K
±1%
Features
• Crystal Unit with Thermistor
• Reference frequency for
telecommunication systems
Re ow compatible
• Using ceramic package resulting in high
reliability
Applications
• Mobile Communications, GPS
1.60 0.10
4 0.57 0.13
#4
#3
#1
#1
#4
#2
SENSOR
#4
HOT
#3
HOT
#1
GND
#2
#2
#3
5
6
.
0
5
6
.
0
0.50
0.38
4-R0.10
Dimensions
(Unit: mm)
Recommended Land Pattern
(Unit: mm)
RoHS
対応品
How to Order
CT1612DB 38400
□□ □ □ □ □□
①
②
③ ④⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
B0
6 pF
—
C0
7 pF
—
D0
8 pF
Std.
④ Frequency Tolerance
F
±10×10−6 Std.
G
±15×10−6
—
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
LH
−30 to +105°C ±12×10−6(at −30 to +85°C)
⑦
cation
Packaging (Tape & Reel 12000 pcs./ reel)
1.6
×1.2mm for Mobile Communications
As of March 2018


Similar Part No. - CT1612DB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT161003ALM AAC-CT161003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003ALO AAC-CT161003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003AMM AAC-CT161003AMM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003AMO AAC-CT161003AMO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT161003ANM AAC-CT161003ANM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
More results

Similar Description - CT1612DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
Crystal Units Surface Mount Type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
Crystal units surface mount type
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com