Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM4202SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM4202SC
Description  HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4202SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM4202SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4202SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM4202SC/RC/DC
ELECTRICAL CHARACTERISTICS (T
C = 25° C) (Per Diode)
Characteristic
Symbol
Max.
Unit
Maximum Instantaneous Forward Voltage (1)
V
F
Volts
I
F = 10A, TC = 25°C
0.57
I
F = 15A, TC = 25°C
0.64
I
F = 15A, TC = 125°C
0.58
Maximum Instantaneous Reverse Current (1)
I
R
mA
T
C = 25°C, VR = VRWM
1.0
T
C = 125°C
50
Capacitance
C
t
800
pf
V
R = 5.0 V
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
MECHANICAL OUTLINE
PIN CONNECTION
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
12
3
50
20
10
5
3
1
0.5
0
0.1
0.2
0.3
0.5
0.5
0.6
0.7
0.8
0.9
1
10
1
0.1
0.01
20
40
60
80
100
120
TYPICAL FORWARD VOLTAGE
TYPICAL REVERSE CURRENT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
F
- INSTANTANEOUS VOLTAGE (VOLTS)
V
R -REVERSE VOLTAGE (VOLTS)
100°C
175°C
150°C
T
J = 25°C
T
J = 25°C
T
J = 100°C
T
J = 125°C
T
J = 150°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com