Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V51RB2BBC Datasheet(PDF) 71 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 67Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 68Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 69Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 70Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 71Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 72Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 73Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 74Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
Philips Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Product data
Rev. 03 — 02 December 2004
71 of 77
9397 750 14341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
All other pins disconnected
Fig 38. IDD test condition, active mode.
002aaa556
VDD
VDD
VDD
VDD
P0
EA
RST
XTAL2
(NC)
CLOCK
SIGNAL
XTAL1
VSS
IDD
All other pins disconnected
Fig 39. IDD test condition, idle mode.
002aaa557
VDD
VDD
VDD
P0
EA
RST
XTAL2
(NC)
CLOCK
SIGNAL
XTAL1
VSS
IDD
All other pins disconnected
Fig 40. IDD test condition, Power-down mode.
002aaa558
VDD
VDD
VDD = 2 V
VDD
P0
EA
RST
XTAL2
(NC)
XTAL1
VSS
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com