Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9546APW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9546APW
Description  4-channel I2C switch with reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9546APW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9546APW Datasheet HTML 9Page - NXP Semiconductors PCA9546APW Datasheet HTML 10Page - NXP Semiconductors PCA9546APW Datasheet HTML 11Page - NXP Semiconductors PCA9546APW Datasheet HTML 12Page - NXP Semiconductors PCA9546APW Datasheet HTML 13Page - NXP Semiconductors PCA9546APW Datasheet HTML 14Page - NXP Semiconductors PCA9546APW Datasheet HTML 15Page - NXP Semiconductors PCA9546APW Datasheet HTML 16Page - NXP Semiconductors PCA9546APW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
9397 750 14318
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 6 April 2005
13 of 25
Philips Semiconductors
PCA9546A
4-channel I2C switch with reset
11. Static characteristics
[1]
For operation between published voltage ranges, refer to the worst-case parameter in both ranges.
[2]
VDD must be lowered to 0.2 V in order to reset part.
Table 6:
DC characteristics
VDD = 2.3 V to 3.6 V; VSS = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
See Table 7 on page 14 for VDD = 4.5 V to 5.5 V. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
3.6
V
IDD
supply current
Operating mode; VDD = 3.6 V; no load;
VI =VDD or VSS; fSCL = 100 kHz
-16
50
µA
Istb
standby current
Standby mode; VDD = 3.6 V; no load;
VI =VDD or VSS
-
0.1
1
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[2] -
1.6
2.1
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
VOL = 0.6 V
6
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-12
13
pF
Select inputs A0 to A2, RESET
VIL
LOW-level input voltage
−0.5
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD + 0.5
V
ILI
input leakage current
pin at VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
1.6
3
pF
Pass gate
Ron
on-state resistance
VDD = 3.67 V; VO = 0.4 V; IO = 15 mA
5
11
30
Ω
VDD = 2.3 V to 2.7 V; VO = 0.4 V;
IO =10mA
716
55
Ω
Vo(sw)
switch output voltage
Vi(sw) =VDD = 3.3 V; Io(sw) = −100 µA
-
1.9
-
V
Vi(sw) =VDD = 3.0 V to 3.6 V;
Io(sw) = −100 µA
1.6
-
2.8
V
Vi(sw) =VDD = 2.5 V; Io(sw) = −100 µA
-
1.5
-
V
Vi(sw) =VDD = 2.3 V to 2.7 V;
Io(sw) = −100 µA
1.1
-
2.0
V
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Cio
input/output capacitance
VI =VSS
-3
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com