Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C15198 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15198
Description  Open shade design for FLORENTINA-4X1 assemblies and custom faceplates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15198 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15198 Datasheet HTML 1Page - Ledil, Inc. C15198 Datasheet HTML 2Page - Ledil, Inc. C15198 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C15198_FLORENTINA-4X1-SHD-OPEN
FLORENTINA-4X1-SHD-OPEN
Open
shade
design
for
FLORENTINA-4X1
assemblies and custom faceplates
TECHNICAL SPECIFICATIONS:
Dimensions
mm
Height
26.5 mm
Fastening
screw
Colour
black
Box size
476 x 273 x 292 mm
Box weight
3.2 kg
Quantity in Box
72 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
FLORENTINA-4X1-SHD-OPEN Shade
PC
black
Last update: 21/05/2018
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C15198

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15196 LEDIL-C15196 Datasheet
6Mb / 3P
Open shade design for FLORENTINA-2X2 assemblies and custom faceplates
More results

Similar Description - C15198

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-2016-04-04 ABRACON-AXS-2016-04-04 Datasheet
413Kb / 1P
Clam shell design for easy open and close
07.10.09
AXS-3225-04-10 ABRACON-AXS-3225-04-10 Datasheet
407Kb / 1P
Clam shell design for easy open and close
07.10.09
logo
Ledil, Inc.
C14446 LEDIL-C14446 Datasheet
3Mb / 3P
Black shade for FLORENTINA (12X1) assemblies
C14734 LEDIL-C14734 Datasheet
2Mb / 3P
Black shade for FLORENTINA-2X2 assemblies
C14960 LEDIL-C14960 Datasheet
2Mb / 3P
White shade for FLORENTINA-2X2 assemblies
C15196 LEDIL-C15196 Datasheet
6Mb / 3P
Open shade design for FLORENTINA-2X2 assemblies and custom faceplates
C15427 LEDIL-C15427 Datasheet
3Mb / 3P
Black shade for FLORENTINA-1 assemblies
C15469 LEDIL-C15469 Datasheet
3Mb / 3P
White shade for FLORENTINA (12X1) assemblies
C15690 LEDIL-C15690 Datasheet
2Mb / 3P
White shade for FLORENTINA-4X1 assemblies
C16701 LEDIL-C16701 Datasheet
1Mb / 3P
White shade for FLORENTINA-1 assemblies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com