Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16058 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16058
Description  횠50 mm basepart for Xicato XTM and XIM modules compatible with RONDA and CARMEN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16058 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16058 Datasheet HTML 1Page - Ledil, Inc. C16058 Datasheet HTML 2Page - Ledil, Inc. C16058 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C16058_XTM-ADAPTER-50-C
XTM-ADAPTER-50-C
Ø50 mm basepart for Xicato XTM and XIM
modules compatible with RONDA and CARMEN
TECHNICAL SPECIFICATIONS:
Dimensions
mm
Height
7.8 mm
Fastening
screw
Colour
clear
Box size
400 x 300 x 300 mm
Box weight
4.6 kg
Quantity in Box
1000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
XTM-ADAPTER-50-C
Base part
PC
clear
Last update: 17/01/2018
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16058

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16051 LEDIL-C16051 Datasheet
4Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16052 LEDIL-C16052 Datasheet
2Mb / 5P
Variant with longer distance between location pins allowing high voltage circuit
More results

Similar Description - C16058

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12153 LEDIL-C12153 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors
C12292 LEDIL-C12292 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C13088 LEDIL-C13088 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C14305 LEDIL-C14305 Datasheet
5Mb / 3P
Basepart for STELLA. Compatible with CREE CXA15xx and CXA18xx.
C14370 LEDIL-C14370 Datasheet
3Mb / 3P
Basepart compatible with BROOKE reflectors and Bridgelux VERO10.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
C13186 LEDIL-C13186 Datasheet
2Mb / 3P
Basepart for LENA and LENINA reflectors.
C17093 LEDIL-C17093 Datasheet
4Mb / 3P
Mounting ring for 횠50 mm ALISE and ELISE reflectors
C17094 LEDIL-C17094 Datasheet
1Mb / 3P
Clear sublens for 횠50 mm ALISE and ELISE reflectors.
C17099 LEDIL-C17099 Datasheet
1Mb / 3P
Diffusing sublens for 횠50 mm ALISE and ELISE reflectors.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com