Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16168 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16168
Description  Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16168 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16168 Datasheet HTML 1Page - Ledil, Inc. C16168 Datasheet HTML 2Page - Ledil, Inc. C16168 Datasheet HTML 3Page - Ledil, Inc. C16168 Datasheet HTML 4Page - Ledil, Inc. C16168 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C16168_STRADA-SQ-PX
STRADA-SQ-PX
Double asymmetric beam designed to highlight
pedestrian
crossings
for
right
side
traffic.
Version with location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
25x 25 mm
Height
9 mm
Fastening
glue, pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
7.5 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-PX
Lens
PMMA
clear
Last update: 08/06/2017
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16168

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161 INFINEON-C161 Datasheet
5Mb / 400P
16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Time Electronics Ltd.
C161 TIME-ELECTRONICS-C161 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C161 TIME-ELECTRONICS-C161 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
330Kb / 1P
1061 Resistance Decade Box
10/22
More results

Similar Description - C16168

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
CA16169 LEDIL-CA16169 Datasheet
2Mb / 5P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
CS16401 LEDIL-CS16401_18 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
C14896 LEDIL-C14896 Datasheet
6Mb / 7P
Fully asymmetric beam designed to highlight pedestrian crossings for left side traffic
C16663 LEDIL-C16663 Datasheet
2Mb / 4P
Double asymmetric beam for aisle and shelf lighting
F16858 LEDIL-F16858 Datasheet
2Mb / 6P
Double asymmetric beam for aisle and shelf lighting
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
C16996 LEDIL-C16996 Datasheet
507Kb / 4P
Double asymmetric beam designed to highlight pedestrian crossings
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com