Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9002IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9002IPWR
Description  Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9002IPWR Datasheet(HTML) 4 Page - Texas Instruments

  TLV9002IPWR Datasheet HTML 1Page - Texas Instruments TLV9002IPWR Datasheet HTML 2Page - Texas Instruments TLV9002IPWR Datasheet HTML 3Page - Texas Instruments TLV9002IPWR Datasheet HTML 4Page - Texas Instruments TLV9002IPWR Datasheet HTML 5Page - Texas Instruments TLV9002IPWR Datasheet HTML 6Page - Texas Instruments TLV9002IPWR Datasheet HTML 7Page - Texas Instruments TLV9002IPWR Datasheet HTML 8Page - Texas Instruments TLV9002IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
1
OUT
2
±IN
3
V±
4
+IN
5
V+
Not to scale
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
4
TLV9001, TLV9002, TLV9004
SBOS833E – OCTOBER 2017 – REVISED JULY 2018
www.ti.com
Product Folder Links: TLV9001 TLV9002 TLV9004
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV9001 DBV and DRL Package, TLV9001T DCK Package(1)
5-Pin SOT-23, SC-70 and SOT-553
Top View
(1)
Package is preview only.
TLV9001 DCK Package (1)
5-Pin SC70
Top View
(1)
Package is preview only.
TLV9001 DPW Package (1)
5-Pin X2SON
Top View
(1)
Package is preview only.
Pin Functions: TLV9001
PIN
I/O
DESCRIPTION
NAME
SOT-23, SC-70,
SOT-553
SC70
X2SON
–IN
4
3
2
I
Inverting input
+IN
3
1
4
I
Noninverting input
OUT
1
4
1
O
Output
V–
2
2
3
—
Negative (lowest) supply or ground (for single-supply operation)
V+
5
5
5
—
Positive (highest) supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com