Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN182245ESSMX Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245ESSMX
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245ESSMX Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button SCAN182245ESSMX Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 14Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 15Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 16Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 17Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AC Operating Requirements Scan Test Operation
Symbol
Parameter
VCC
(V)
Military
Commercial
Units
TA eb55 Cto a125 CTA eb40 Cto a85 C
CL e 50 pF
CL e 50 pF
Guaranteed Minimum
tS
Setup Time
50
48
ns
Data to TCK (Note 1)
tH
Hold Time
50
25
ns
Data to TCK (Note 1)
tS
Setup Time H or L
50
41
ns
G1 G2 to TCK (Note 2)
tH
Hold Time H or L
50
17
ns
TCK to G1 G2 (Note 2)
tS
Setup Time H or L
50
42
ns
DIR1 DIR2 to TCK (Note 4)
tH
Hold Time H or L
50
23
ns
TCK to DIR1 DIR2 (Note 4)
tS
Setup Time
50
38
ns
Internal OE to TCK (Note 3)
tH
Hold Time H or L
50
23
ns
TCK to Internal OE (Note 3)
tS
Setup Time H or L
50
87
ns
TMS to TCK
tH
Hold Time H or L
50
15
ns
TCK to TMS
tS
Setup Time H or L
50
67
ns
TDI to TCK
tH
Hold Time H or L
50
50
ns
TCK to TDI
tW
Pulse Width TCK
H
50
102
ns
L
85
fmax
Maximum TCK
50
50
MHz
Clock Frequency
tPU
Wait Time
50
100
ns
Power Up to TCK
tDN
Power Down Delay
00
100
ms
Voltage Range 50V g05V
All Input Timing Delays involving TCK are measured from the rising edge of TCK
Note 1
Timing pertains to the TYPE1 BSR and TYPE2 BSR after the buffer (BSR 0–8 9–17 18–26 27–35 36–44 45–53 54–62 63–71)
Note 2
Timing pertains to BSR 74 and 78 only
Note 3
Timing pertains to BSR 72 73 76 and 77 only
Note 4
Timing pertains to BSR 75 and 79 only
Capacitance
Symbol
Parameter
Typ
Units
Conditions TA e 25 C
CIN
Input Capacitance
59
pF
VCC e 00V (Gn DIRn)
CIO (Note 1)
Output Capacitance
137
pF
VCC e 50V (An Bn)
Note 1
CIO is measured at frequency f e 1 MHz per MIL-STD-883B Method 3012
http
www nationalcom
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com