Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1394 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1394
Description  IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1394 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1394 Datasheet HTML 1Page - STMicroelectronics ST1394 Datasheet HTML 2Page - STMicroelectronics ST1394 Datasheet HTML 3Page - STMicroelectronics ST1394 Datasheet HTML 4Page - STMicroelectronics ST1394 Datasheet HTML 5Page - STMicroelectronics ST1394 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
ST1394
IEEE1394 ONE PORT CABLE TERMINATION
NETWORK WITH ESD PROTECTION DIODES
REV. 2
TpBias
TPA-
TPA-
TPB+
TPB-
GND
139
SOT23-6L
(Plastic)
October 2004
MAIN APPLICATIONS
IEEE1394 line termination on:
■ Desktops
■ Notebooks
■ Digital Camcorders
■ External storage drive
■ Set Top Box
FEATURES
■ Line termination for 2 twisted pairs TPA and
TPB
■ The device complies with IEEE1394 require-
ment for differential and common more imped-
ance on TPA and TPB line
■ Monolithic device with complete termination for
one IEEE1394 connection
DESCRIPTION
The ST1394-01SC6 is an integrated termination
network that optimizes board layout of the PHY
layer in IEEE1394 one port cable application.
This monolithic device is tested, according to ESD
requirement described in IEC61000-4-2 standard
level 2. ST1394-01SC6 device ruggedness limits
overvoltage at the 1394 tranceiver inputs and out-
puts below acceptable limits.
The
ST1394-01SC6
implements
IEEE1394
recommendation for line termination of TPA and
TPB differential lines. Excellent matching of the
termination resistor will minimize common mode
noise that is needed to improve communication
speed.
BENEFITS
■ Resistor matching between TPA / TPB lines.
■ Resistor matching between TPA+ / TPA-
■ Single chip devise versus 11 discretes
■ No need for additional overvoltage protection
device
■ High level of integration
IPAD™
TPA+
TpBias
GND
TPA-
TPB-
TPB+
R4
R1
C
R3
R2
R5
Lines
TPA+
TPA- TPB+ TPB-
Rpd
GND
Zener
Capacitance
Names
R1
R12
R3
R4
R5
C
Cz
Value
55
Ω
55
Ω
55
Ω
55
Ω
55
Ω 250pF
5pF
Tolerance
Typ.
Typ.
Typ.
Typ.
20%
20%
Max.
Matching
Matching between 55
Ω
Resistor at
±1% max
Figure 1: Pinout Configuration
Table 1: Order Code
Part Number
Marking
ST1394-01SC6
139
TM: IPAD is a trademark of STMicroelectronics.


Similar Part No. - ST1394

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST13001 SEMTECH_ELEC-ST13001 Datasheet
162Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST13002A SEMTECH_ELEC-ST13002A Datasheet
79Kb / 1P
ST13002A
ST13002T SEMTECH_ELEC-ST13002T Datasheet
175Kb / 2P
NPN Silicon Power Transistors
logo
STMicroelectronics
ST13003 STMICROELECTRONICS-ST13003 Datasheet
71Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2000
ST13003 STMICROELECTRONICS-ST13003 Datasheet
224Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Aug-2001
More results

Similar Description - ST1394

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
RC Network with ESD Protection
logo
STMicroelectronics
ST1284-XXA8T8 STMICROELECTRONICS-ST1284-XXA8T8 Datasheet
144Kb / 7P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
Jul-2002
logo
California Micro Device...
PACVGA-100 CALMIRCO-PACVGA-100 Datasheet
233Kb / 2P
VGA PROTECTION AND TERMINATION NETWORK
PACVGA100 CALMIRCO-PACVGA100 Datasheet
75Kb / 5P
VGA Port ESD Protection and Termination Network
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
Oct-2003
logo
California Micro Device...
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
Parallel port single termination network with ±15 kV ESD protection
11-May-2012
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
URCZ1284-XX UTC-URCZ1284-XX Datasheet
231Kb / 6P
PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com