Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC08DE150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC08DE150
Description  HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08DE150 Datasheet(HTML) 1 Page - STMicroelectronics

  STC08DE150 Datasheet HTML 1Page - STMicroelectronics STC08DE150 Datasheet HTML 2Page - STMicroelectronics STC08DE150 Datasheet HTML 3Page - STMicroelectronics STC08DE150 Datasheet HTML 4Page - STMicroelectronics STC08DE150 Datasheet HTML 5Page - STMicroelectronics STC08DE150 Datasheet HTML 6Page - STMicroelectronics STC08DE150 Datasheet HTML 7Page - STMicroelectronics STC08DE150 Datasheet HTML 8Page - STMicroelectronics STC08DE150 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
January 2005
Table 1: General Features
n
LOW EQUIVALENT ON RESISTANCE
n
VERY FAST-SWITCH, UP TO 150 kHz
n
SQUARED RBSOA, UP TO 1500 V
n
VERY LOW CISS DRIVEN BY RG = 47 W
APPLICATION
n
SINGLE SWITCH SMPS BASED ON THREE
PHASE MAINS
DESCRIPTION
The STC08DE150 is manufactured in a hybrid
structure, using dedicated high voltage Bipolar
and low voltage MOSFET technologies, aimed at
providing the best performance in ESBT topology.
The STC08DE150 is designed for use in aux
flyback smps for any three phase application.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 2: Order Code
VCS(ON)
IC
RCS(ON)
0.6 V
8 A
0.075 W
1
2
3
4
TO247-4L
Electrical Symbol
Device Structure
Part Number
Marking
Package
Packaging
STC08DE150
C08DE150
TO247-4L
TUBE
STC08DE150
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR
ESBT™ 1500 V - 8 A - 0.075 W
PRELIMINARY DATA
Rev. 1


Similar Part No. - STC08DE150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
25-Oct-2006
More results

Similar Description - STC08DE150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
04-Oct-2004
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
04-Oct-2004
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
29-Nov-2006
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
30-Nov-2006
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
25-Oct-2006
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
10-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com