Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3699AQTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG3699AQTR
Description  LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699AQTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG3699AQTR Datasheet HTML 3Page - STMicroelectronics STG3699AQTR Datasheet HTML 4Page - STMicroelectronics STG3699AQTR Datasheet HTML 5Page - STMicroelectronics STG3699AQTR Datasheet HTML 6Page - STMicroelectronics STG3699AQTR Datasheet HTML 7Page - STMicroelectronics STG3699AQTR Datasheet HTML 8Page - STMicroelectronics STG3699AQTR Datasheet HTML 9Page - STMicroelectronics STG3699AQTR Datasheet HTML 10Page - STMicroelectronics STG3699AQTR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STG3699A
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D20.2
0.795
N60
2.362
T
18.4
0.724
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (3x3) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com