Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6436 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6436
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6436 Datasheet(HTML) 4 Page - STMicroelectronics

  STV6436 Datasheet HTML 1Page - STMicroelectronics STV6436 Datasheet HTML 2Page - STMicroelectronics STV6436 Datasheet HTML 3Page - STMicroelectronics STV6436 Datasheet HTML 4Page - STMicroelectronics STV6436 Datasheet HTML 5Page - STMicroelectronics STV6436 Datasheet HTML 6Page - STMicroelectronics STV6436 Datasheet HTML 7Page - STMicroelectronics STV6436 Datasheet HTML 8Page - STMicroelectronics STV6436 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
General Information
STV6436
4/17
1.1
I/O Pin Description
Table 1: Pin Description
STV6436S STV6436D
Name
Function
1
1
CVBS_ENC
CVBS Input from Encoder command internal CVBS switch
2
2
DEC
Decoupling Capacitor
3
3
C_ENC
Chroma Input from Encoder
4
4
GND
Ground
5
5
Y1_ENC
Y Input from Encoder
6
GND
Ground
7
GND
Ground
8
6
VCC
+5 V Supply
9
7
Y2_ENC
Large-band Y Input from Encoder
10
8
CR_ENC
Large-band Cr Input from Encoder
11
9
MUTE
4-State command for Mute
12
10
CB_ENC
Large-band Cb Input from Encoder
13
11
CBOUT
Cb Output
14
12
CROUT
Cr Output
15
13
VCCB1
+5 V Supply for Output Buffers
16
14
Y2OUT
Y2 Output
17
15
Y1OUT
Y1 Output
18
GND
Ground
19
GND
Ground
20
16
GNDB
Ground for Buffers
21
17
COUT
Chroma Output
22
18
VCCB2
+5 V Supply for Output Buffers
23
19
CVBSOUT
CVBS Output
24
20
VCCB3
+5 V Supply for Output Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com