Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICROFOX-SC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # MICROFOX-SC
Description  Diagonal cutter for Cu wire up to 1.5 mm diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

MICROFOX-SC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  MICROFOX-SC Datasheet HTML 1Page - PHOENIX CONTACT MICROFOX-SC Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1205862
08.08.2012   Page 1 / 2
Diagonal cutter - MICROFOX SC - 1205862
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Diagonal cutter for Cu wire up to 1.5 mm diameter
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 352 (PC-2009)
GTIN
Custom tariff number
82032000
Country of origin
GERMANY
Technical data
General
Length (b)
120 mm
Color
black
Weight
60 g
Classifications
eclass
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043711
etim
ETIM 2.0
EC000833
ETIM 3.0
EC000833
ETIM 4.0
EC000833
unspsc
UNSPSC 6.01
30211811


Similar Part No. - MICROFOX-SC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-S-ESD PHOENIX-MICROFOX-S-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD-DB PHOENIX-MICROFOX-S-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-SB PHOENIX-MICROFOX-SB Datasheet
49Kb / 2P
Mirror-polished and oiled metal surfaces, which provide maximum rust protection
MICROFOX-SB-DB PHOENIX-MICROFOX-SB-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
More results

Similar Description - MICROFOX-SC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CUTFOX-12 PHOENIX-CUTFOX-12 Datasheet
49Kb / 2P
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm짼)
CUTFOX-SE PHOENIX-CUTFOX-SE Datasheet
42Kb / 2P
Diagonal cutter, angled design, size: 180 mm
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212489 PHOENIX-1212489 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SB
1212494 PHOENIX-1212494 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com