Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW12NK90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW12NK90Z
Description  N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12NK90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW12NK90Z Datasheet HTML 1Page - STMicroelectronics STW12NK90Z Datasheet HTML 2Page - STMicroelectronics STW12NK90Z Datasheet HTML 3Page - STMicroelectronics STW12NK90Z Datasheet HTML 4Page - STMicroelectronics STW12NK90Z Datasheet HTML 5Page - STMicroelectronics STW12NK90Z Datasheet HTML 6Page - STMicroelectronics STW12NK90Z Datasheet HTML 7Page - STMicroelectronics STW12NK90Z Datasheet HTML 8Page - STMicroelectronics STW12NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2006
Rev 5
1/14
14
STW12NK90Z
N-channel 900V - 0.72
Ω - 11A - TO-247
Zener-protected SuperMESH™ Power MOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
pW
STW12NK90Z
900V
<0.88
Ω
11A
230W
TO-247
www.st.com
Order codes
Part number
Marking
Package
Packaging
STW12NK90Z
W12NK90Z
TO-247
Tube


Similar Part No. - STW12NK90Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW12NK90Z ISC-STW12NK90Z Datasheet
334Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW12NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STW13NK100Z STMICROELECTRONICS-STW13NK100Z Datasheet
208Kb / 9P
N-CHANNEL 1000V - 0.56 OHM - 13A TO-247 Zener-Protected SuperMESH Power MOSFET
March 2004
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
342Kb / 15P
N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
2005-Sep-02
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
Jul-2003
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
25-Jul-2006
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com