Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T90RIA40 Datasheet(PDF) 1 Page - International Rectifier

Part # T90RIA40
Description  MEDIUM POWER PHASE CONTROL THYRISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T90RIA40 Datasheet(HTML) 1 Page - International Rectifier

  T90RIA40 Datasheet HTML 1Page - International Rectifier T90RIA40 Datasheet HTML 2Page - International Rectifier T90RIA40 Datasheet HTML 3Page - International Rectifier T90RIA40 Datasheet HTML 4Page - International Rectifier T90RIA40 Datasheet HTML 5Page - International Rectifier T90RIA40 Datasheet HTML 6Page - International Rectifier T90RIA40 Datasheet HTML 7Page - International Rectifier T90RIA40 Datasheet HTML 8Page - International Rectifier T90RIA40 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
I
T(AV)
50
70
90
A
@ T
C
70
70
70
o
C
I
T(RMS)
80
110
141
A
I
TSM @50Hz
1310
1660
1780
A
@60Hz
1370
1740
1870
A
I2t
@50Hz
8550
13860
15900
A2s
@60Hz
7800
12650
14500
A2s
I2
√t
85500
138500
159100
A2
√s
VDRM/VRRM
100 to 1200
V
TJ
-40 to 125
o
C
Parameters T50RIA
T70RIA T90RIA
Units
Major Ratings and Characteristics
Features
Electrically isolated base plate
Types up to 1200 V
RRM
3500 V
RMS isolating voltage
Simplified mechanical designs,
rapid assembly
High surge capability
Large creepage distances
UL E78996 approved
These series of T-modules are inteded for general
purpose applications such as battery chargers,
welders and plating equipment, regulated power
supplies and temperature and speed control circuits.
The semiconductors are electrically isolated from the
metal base, allowing common heatsinks and compact
assemblies to be built.
Description
MEDIUM POWER PHASE CONTROL THYRISTORS
Power Modules
50 A
70 A
90 A
T..RIA SERIES
1
Bulletin I27105 rev. B 02/02
www.irf.com


Similar Part No. - T90RIA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T90RIA40 VISHAY-T90RIA40 Datasheet
244Kb / 12P
Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
03-Jun-08
T90RIA40 VISHAY-T90RIA40 Datasheet
264Kb / 14P
Medium Power Phase Control Thyristors
03-Jun-08
More results

Similar Description - T90RIA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10_15 Datasheet
264Kb / 14P
Medium Power Phase Control Thyristors
03-Jun-08
VS-22RIA10 VISHAY-VS-22RIA10 Datasheet
198Kb / 9P
Medium Power Phase Control Thyristors
11-Mar-14
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
Medium Power Phase Control Thyristors
11-Mar-14
VS-50RIA10 VISHAY-VS-50RIA10 Datasheet
204Kb / 9P
Medium Power Phase Control Thyristors
11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
Medium Power Phase Control Thyristors
11-Mar-14
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
Medium Power Phase Control Thyristors
19-Nov-15
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
Medium Power Phase Control Thyristors
19-Nov-15
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
Medium Power Phase Control Thyristors
11-Mar-14
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
Medium Power Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com