Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSI-DATA Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # PSI-DATA
Description  Industrial analog modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-DATA Datasheet(HTML) 5 Page - PHOENIX CONTACT

  PSI-DATA Datasheet HTML 1Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 2Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 3Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 4Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 5Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 6Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PSI-DATA/FAX-MODEM/RS232
100500_en_01
PHOENIX CONTACT
5
General data
CE conformance
EMC directive 89/336/EEC
Approvals
u
Ex:
u
Ambient operating temperature range
0°C … 55°C
Housing
Material
Dimensions (H x W x D)
ME 35 with 5-pos. bus contact and ground contact
ABS-V0, green
99 x 35 x 114.5 mm
Weight of device
165 g
Functional earth ground
Housing contact with DIN rail
Vibration resistance
According to DIN EN 60068-2-6
5g, 1.5 h each in x, y, and z direction
Shock test
Operation
Storage
According to DIN EN 60068-2-27
15g, 11 ms, half-sine shock pulse
30g, 11 ms, half-sine shock pulse
Free fall
According to IEC 60068-2-32 from a height of 1 m (without packaging)
Degree of protection
IP20
3-way electrical isolation
Power supply // PSTN // V.24 (RS-232)
Test voltage
1.5 kV AC, 50 Hz, 1 min. between all ground levels according to
EN 50178 and EN 61131-2
Electromagnetic compatibility
Noise immunity according to EN 61000-6-2
1
Electrostatic discharge (ESD)
EN 61000-4-2
Criterion B
2
8 kV air discharge
6 kV contact discharge
Electromagnetic HF field
Amplitude modulation
Pulse modulation
EN 61000-4-3
Criterion A
3
10 V/m
10 V/m
Fast transients (burst)
Signal
Power supply
EN 61000-4-4
Criterion A
3
1 kV/5 kHz
Criterion A
3
2 kV/5 kHz
Surge current load (surge)
Signal
Power supply
EN 61000-4-5
Criterion B
2
1 kV
2 kV
Conducted interference
EN 61000-4-6
Criterion A
3
10 V
Noise emission
EN 55022
Limiting curve B
1
EN 61000 corresponds to IEC 1000
2
Criterion B: Temporary adverse effects on the operating characteristics which the device corrects automatically.
3
Criterion A: Normal operating behavior within the specified limits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com