Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4863 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TDA4863
Description  Boost Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TDA4863 Datasheet HTML 19Page - Infineon Technologies AG TDA4863 Datasheet HTML 20Page - Infineon Technologies AG TDA4863 Datasheet HTML 21Page - Infineon Technologies AG TDA4863 Datasheet HTML 22Page - Infineon Technologies AG TDA4863 Datasheet HTML 23Page - Infineon Technologies AG TDA4863 Datasheet HTML 24Page - Infineon Technologies AG TDA4863 Datasheet HTML 25Page - Infineon Technologies AG TDA4863 Datasheet HTML 26Page - Infineon Technologies AG TDA4863 Datasheet HTML 27Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
TDA4863
Application Circuit
Data Sheet
23
V1.0, 2003-05
Figure 8
THD Class C:
P
max =110 W, Vinac =270 V, Iout =250 mA, Vaout = 420 V, PF = 0.978
Figure 9
THD Class C:
P
max =110 W, Vinac =90V, Iout = 140 mA, Vaout = 420 V, PF = 0.999
0,000
0,025
0,050
0,075
0,100
0,125
0,150
0,175
Harmonic #
4
8
12
16
20
24
28
32
36
40
0,00
0,05
0,10
0,15
0,20
0,25
0,30
Harmonic #
4
8
12
16
20
24
28
32
36
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com