Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4863G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TDA4863G
Description  Boost Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TDA4863G Datasheet HTML 9Page - Infineon Technologies AG TDA4863G Datasheet HTML 10Page - Infineon Technologies AG TDA4863G Datasheet HTML 11Page - Infineon Technologies AG TDA4863G Datasheet HTML 12Page - Infineon Technologies AG TDA4863G Datasheet HTML 13Page - Infineon Technologies AG TDA4863G Datasheet HTML 14Page - Infineon Technologies AG TDA4863G Datasheet HTML 15Page - Infineon Technologies AG TDA4863G Datasheet HTML 16Page - Infineon Technologies AG TDA4863G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TDA4863
Electrical Characteristics
Data Sheet
13
V1.0, 2003-05
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply + Zener Current
I
CCH + IZ
20
mA
Supply Voltage
V
CC
-0.3
V
Z
V
V
Z = Zener
Voltage
I
CC + IZ = 20 mA
Voltage at Pin 1,3,4
-0.3
6.5
Current into Pin 2
I
VAOUT
-10
40
mA
V
VAOUT =4 V,
V
VSENSE =2.8 V
V
VAOUT =0 V,
V
VSENSE =2.3 V
t
<1ms
Current into Pin 5
I
DETIN
-10
10
DETIN > 6 V
DETIN < 0.4 V
t
<1ms
Current into Pin 7
I
GTDRV
-500
500
t
<1ms
ESD Protection
2000
V
MIL STD 883C
method 3015.6,
100 pF,1500
Ω
Storage Temperature
T
stg
-50
150
°C
Operating Junction Temperature
T
J
-40
150
Thermal Resistance
Junction-Ambient
R
thJA
100
180
K/W
P-DIP-8-4
P-DSO-8-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com