Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF222 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TF222
Description  N-channel Junction FET Electret Condenser Microphone Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF222 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TF222 Datasheet HTML 1Page - Sanyo Semicon Device TF222 Datasheet HTML 2Page - Sanyo Semicon Device TF222 Datasheet HTML 3Page - Sanyo Semicon Device TF222 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TF222
No.7281-3/4
0
100
200
300
400
500
--1.4
--1.2
--1.0
--0.8
--0.6
--0.2
--0.4
0
∆GVV -- IDSS
IT04752
0
0.2
0.4
0.6
0.8
1.0
1.2
THD -- IDSS
IT04753
VGS(off) -- IDSS
IT04747
∆GVV :VCC=2V→1.5V
VIN=10mV
f=1kHz
IDSS : VDS=2V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
100
200
300
400
500
VDS=2V
ID=1µA
0.6
0.8
1.0
1.4
1.2
2.0
1.8
1.6
0
100
200
300
400
500
IT04748
VDS=2V
VGS=0
f=1kHz
10
7
5
3
2
2
1.0
1.0
10
23
5
7
0.1
23
5
7
Ciss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
IT04749
1.0
7
5
3
5
3
2
Crss -- VDS
IT04750
GV -- IDSS
IT04751
--4.5
--4.0
--3.5
--2.5
--3.0
--2.0
--1.5
--0.5
--1.0
0
100
200
300
400
500
0
100
200
300
400
500
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
1.0
10
23
5
7
0.1
23
5
7
100
120
80
60
40
20
0
0
20
40
60
80
100
120
140
160
PD -- Ta
ITR02650
yfs -- ID
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Ambient Temperature, Ta --
°C
Drain Current, IDSS -- µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com