Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16280 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16280
Description  IESNA Type III (medium) beam
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16280 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16280 Datasheet HTML 1Page - Ledil, Inc. C16280 Datasheet HTML 2Page - Ledil, Inc. C16280 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C16280_STRADA-2X2CSP-T3
STRADA-2X2CSP-T3
IESNA Type III (medium) beam for roads that are
equal or wider than mounting height.
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
0 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
5.8 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2CSP-T3
Lens array
PMMA
clear
Last update: 05/07/2018
Subject to change without prior notice
Published: 03/07/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C16280

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
C162 ALPHAWIRE-C162 Datasheet
388Kb / 4P
RoHS-Compliant Commencing With 5/1/2004 Production
logo
Time Electronics Ltd.
C162 TIME-ELECTRONICS-C162 Datasheet
519Kb / 3P
5075 Precision Digital Multimeter
01/23
logo
Ledil, Inc.
C16220 LEDIL-C16220 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16226 LEDIL-C16226 Datasheet
4Mb / 7P
Fulfils EN13201 M-class requirements where road width is equal to or less the pole height.
logo
MAKO SEMICONDUCTOR CO.,...
C1623 MAKOSEMI-C1623 Datasheet
107Kb / 2P
High DC current gain hFE 200(Typ)VCE 6V, IC 1mA
More results

Similar Description - C16280

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
CS15871 LEDIL-CS15871 Datasheet
7Mb / 6P
IESNA Type III Medium beam
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
CS15055 LEDIL-CS15055 Datasheet
7Mb / 6P
Universal road lighting (typically IESNA Type III medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
C14948 LEDIL-C14948 Datasheet
1Mb / 6P
IESNA Type III (medium) beam with minimized backlight.
CA14949 LEDIL-CA14949 Datasheet
2Mb / 8P
IESNA Type III (medium) beam with minimized backlight
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
CS16974 LEDIL-CS16974 Datasheet
3Mb / 5P
IESNA Type III (medium) beam with excellent backlight control
CS17255 LEDIL-CS17255 Datasheet
3Mb / 4P
IESNA Type III Medium beam for long pole distances
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com