Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHN-13 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # SHN-13
Description  Ergonomically designed two-component handles for fatigue-proof and non-slip use
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SHN-13 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  SHN-13 Datasheet HTML 1Page - PHOENIX CONTACT SHN-13 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1209923
24.10.2013   Page 1 / 2
Tool - SHN 13 - 1209923
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Socket wrench, wrench size 13 mm
Product Features
 Ergonomically designed two-component handles for fatigue-proof and non-slip use
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
123.79 GRM
Custom tariff number
82054000
Country of origin
Czech Republic
Technical data
Dimensions
Length (b)
192 mm
Width (a)
40 mm
Blade height
80 mm
Wrench size
13.00 mm
Classifications
eCl@ss
eCl@ss 4.0
21043074
eCl@ss 4.1
21043074
eCl@ss 5.0
21040290
eCl@ss 5.1
21040290
eCl@ss 6.0
21040290
eCl@ss 7.0
21040290
eCl@ss 8.0
21040290


Similar Part No. - SHN-13

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SHN-5.5 PHOENIX-SHN-5.5 Datasheet
45Kb / 2P
Socket wrench, wrench size 5.5 mm
SHN-8 PHOENIX-SHN-8 Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
More results

Similar Description - SHN-13

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SHN-8 PHOENIX-SHN-8 Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-E PHOENIX-MICROFOX-E Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-E-ESD PHOENIX-MICROFOX-E-ESD Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-F-ESD PHOENIX-MICROFOX-F-ESD Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-E-ESD-DB PHOENIX-MICROFOX-E-ESD-DB Datasheet
46Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-F-ESD-DB PHOENIX-MICROFOX-F-ESD-DB Datasheet
46Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-R-DB PHOENIX-MICROFOX-R-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-R-ESD-DB PHOENIX-MICROFOX-R-ESD-DB Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-SB-DB PHOENIX-MICROFOX-SB-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-SP-DB PHOENIX-MICROFOX-SP-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com