Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6365G Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG TLE6365G Datasheet HTML 13Page - Infineon Technologies AG TLE6365G Datasheet HTML 14Page - Infineon Technologies AG TLE6365G Datasheet HTML 15Page - Infineon Technologies AG TLE6365G Datasheet HTML 16Page - Infineon Technologies AG TLE6365G Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
15
2003-06-02
Current Consumption vs.
Junction Temperature
Efficiency Buck vs.
Load
Oscillator Frequency vs.
Resistor between R and GNDr
Buck ON Resistance vs.
Junction Temperature
AED02940
j
T
0.5
1
1.5
2
2.5
mA
3
-50 -25
0
25 50 75 100 ˚C 150
Boost
I
Boost ON
Buck ON
BO boost
I
= 0 mA
= 0 mA
CC
I
AED02942
η
LOAD
I
50
150
250
mA
65
70
75
80
85
%
90
RT, HT
CT
AED02982
R
5
10
20
50
100
200
500
1000
OSC
f
R
10
20
50 100 200
k 1000
Ω
j
T = 25 ˚C
@
kHz
200
400
300
100
0
500
-50
-25
0
25
50
75
100
°C
150
600
700
T
j
R
ON
m
Ω
R
BUON @ IBUO = 600 mA
800
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com