Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7F-3P1RF Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # M7F-3P1RF
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F-3P1RF Datasheet(HTML) 3 Page - Omron Electronics LLC

  M7F-3P1RF Datasheet HTML 1Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 2Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 3Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 4Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 5Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 6Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 7Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 8Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M7F
3
Cables
Use the following cables and connectors to connect the M7F to the PLC or other devices.
Model name
Application
Appearance
Ordering Information
G79-
@C
Cable with
Connectors
(1 to 1)
Connects the M7F
and a single device.
Applicable PLC
Output Units:
C500-OD415CN,
C200H-OD215, and
C200H-MD215
(Output Units
incorporating a 24-pin
connector each)
G79-O
@C-@
Cable with
Connectors
(1 to 2)
Connects the M7F
and two devices.
Suitable Output Units:
C500-OD213,
C200H-OD218,
C200H-OD219,
CQM1-OD213,
CS1W-MD261,
CJ1W-OD231, and
CJ1W-OD261
(Output Units
incorporating a 40-pin
connector each)
G79-Y
@C
Cable with
Crimp-style
Terminals
Ideal for the
connection of the M7F
to devices
incorporating screw
terminals.
Suitable Output Units:
CS1W-OD211,
CS1W-OD212,
C200H-OD212, and
C500-OD412
L
PLC
OMRON's
XG4M-2030-T
M7F
OMRON's C500-CE243
(Fujitsu's FCN-36
@@040
Series)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
On the PLC
Connector pin No.
M7F Connector
pin No.
(Line A Line B)
Triangular mark
G79 cable
with connector (1 to 1)
Polarity
guide
Connection
Note: The connector pin numbers are
shown from the crimped sides of
the connectors.
L Dimensions
Model
1,000 mm
G79-100C
1,500 mm
G79-150C
2,000 mm
G79-200C
3,000 mm
G79-300C
5,000 mm
G79-500C
Straight length (with no bend)
a
PLC
OMRON's
XG4M-2030-T
M7F
OMRON's C500-CE403
(Fujitsu's FCN-36
@@040
Series)
b
L Dimensions
For output
AB
Model
1,000 mm 750 mm
G79-O100C-75
1,500 mm 1,250 mm G79-O150C-125
2,000 mm 1,750 mm G79-O200C-175
3,000 mm 2,750 mm G79-O300C-275
5,000 mm 4,750 mm G79-O500C-475
L
300
Device
side
OMRON's
XG4M-2030-T
M7F
L Dimensions
Model
1,000 mm
G79-Y100C
1,500 mm
G79-Y150C
2,000 mm
G79-Y200C
3,000 mm
G79-Y300C
5,000 mm
G79-Y500C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com