Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP206G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP206G
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP206G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP206G Datasheet HTML 1Page - Toshiba Semiconductor TLP206G Datasheet HTML 2Page - Toshiba Semiconductor TLP206G Datasheet HTML 3Page - Toshiba Semiconductor TLP206G Datasheet HTML 4Page - Toshiba Semiconductor TLP206G Datasheet HTML 5Page - Toshiba Semiconductor TLP206G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP206G
2002-09-25
5
IFT – Ta
Ambient temperature Ta (°C)
5
0
-
40
4
3
2
1
-
20
0
20
40
60
100
80
ION = 120mA
ION – VON
MOSFET on-state voltage VON (V)
150
-
150
-
2.5
100
50
0
-
50
-
100
-
1.5
0.5
1.5
2.5
Ta = 25°C
IF = 5mA
IOFF – Ta
Ambient temperature Ta (°C)
1000
1
-
20
300
100
10
5
0
20
40
60
80
100
500
50
30
3
VOFF = 350V
Ambient temperature Ta (°C)
40
0
-
40
20
10
-
20
0
20
40
60
100
80
RON – Ta
30
ION = 120mA
IF = 5mA
tON – Ta
Ambient temperature Ta (°C)
1000
0
-
40
-
20
0
20
60
80
100
800
600
200
VDD = 20V
RL = 200Ω
IF = 5mA
40
400
tOFF – Ta
Ambient temperature Ta (°C)
400
0
-
40
-
20
0
20
60
80
100
300
200
100
40
VDD = 20V
RL = 200Ω
IF = 5mA
-
0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com