Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW4H Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XW4H
Description  Push-in Terminals to Easily Complete Connections.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW4H Datasheet(HTML) 7 Page - Omron Electronics LLC

  XW4H Datasheet HTML 1Page - Omron Electronics LLC XW4H Datasheet HTML 2Page - Omron Electronics LLC XW4H Datasheet HTML 3Page - Omron Electronics LLC XW4H Datasheet HTML 4Page - Omron Electronics LLC XW4H Datasheet HTML 5Page - Omron Electronics LLC XW4H Datasheet HTML 6Page - Omron Electronics LLC XW4H Datasheet HTML 7Page - Omron Electronics LLC XW4H Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
XW4H/XW4K/XW4L
7
Models
* Please order an integer multiple of the quantity per reel.
Accessories
Safety Precautions
● Soldering Conditions
• Recommended Reflow Conditions
Maximum temperature: 255°C
Time: Within 20 s
These conditions depend on the type of solder, the manufacturer, the
amount of solder, the size of the circuit board, and the other mounting
materials. You must check and select the actual conditions yourself.
● Metal Mask Thickness for Cream Solder
Printing
We recommend a metal mask thickness of 0.12 to 0.15 mm for cream
solder printing.
These conditions, however, depend on the type of solder, the
manufacturer, the amount of solder, the size of the circuit board, and
the other mounting materials. You must check and select the actual
conditions.
● Pin Deformation
The pins will deform if you subject them to an excessive load.
Deformed pins will reduce solderability when the Connectors are
mounted. Do not drop the Connectors or handle them roughly.
Do not connect or disconnect Connectors that are not mounted to a
circuit board. Doing so may deform the pins.
Appearance
Direct-board-mounting, Vertical Sockets
Direct-board-mounting, Horizontal Sockets
Number of
contacts
250 pcs per reel *
100 pcs per reel *
500 pcs per reel *
100 pcs per reel *
2
XW4L-02A1-V1
XW4L-02A1-V1-R100
XW4L-02A1-H1
XW4L-02A1-H1-R100
3
XW4L-03A1-V1
XW4L-03A1-V1-R100
XW4L-03A1-H1
XW4L-03A1-H1-R100
4
XW4L-04A1-V1
XW4L-04A1-V1-R100
XW4L-04A1-H1
XW4L-04A1-H1-R100
5
XW4L-05A1-V1
XW4L-05A1-V1-R100
XW4L-05A1-H1
XW4L-05A1-H1-R100
6
XW4L-06A1-V1
XW4L-06A1-V1-R100
XW4L-06A1-H1
XW4L-06A1-H1-R100
7
XW4L-07A1-V1
XW4L-07A1-V1-R100
XW4L-07A1-H1
XW4L-07A1-H1-R100
8
XW4L-08A1-V1
XW4L-08A1-V1-R100
XW4L-08A1-H1
XW4L-08A1-H1-R100
9
XW4L-09A1-V1
XW4L-09A1-V1-R100
XW4L-09A1-H1
XW4L-09A1-H1-R100
10
XW4L-10A1-V1
XW4L-10A1-V1-R100
XW4L-10A1-H1
XW4L-10A1-H1-R100
11
XW4L-11A1-V1
XW4L-11A1-V1-R100
XW4L-11A1-H1
XW4L-11A1-H1-R100
12
XW4L-12A1-V1
XW4L-12A1-V1-R100
XW4L-12A1-H1
XW4L-12A1-H1-R100
Models
Minimum ordering
quantity (pieces)
XW4Z-00A
1
Special Screwdriver
XW4Z-00A
Precautions for Correct Use
Preheating time:
Within 60 to 120 s
Soldering time:
Within 20 to 40 s
Preheating temperature
Soldering temperature
Peak temperature
(°C)
(s)
150
240
255



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com