Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7F-4D1G Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # M7F-4D1G
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F-4D1G Datasheet(HTML) 1 Page - Omron Electronics LLC

  M7F-4D1G Datasheet HTML 1Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 2Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 3Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 4Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 5Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 6Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 7Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 8Page - Omron Electronics LLC M7F-4D1G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CSM_M7F_DS_E_10_1
1
Digital Display
M7F
A Series of Three- to Five-digit Digital
Display Units with a Character Height of
14 mm. Models available with either red or
green displays.
• Red or green displays with a character height of 14 mm are
available for a variety of applications and locations.
• Miniature design with a 50-mm depth.
• Incorporating a connector, thus saving wiring effort.
• Connecting to OMRON's PLCs via dedicated PLC cables (sold
separately).
• Units and minus symbols are displayed (three- and four-digit
model only).
• Incorporating a zero suppression function.
• The power supply can freely change between 12 and 24 VDC.
• CE Marking. UL certification approval.
Model Number Structure
■ Model Number Legend
Construction and Nomenclature
■ Nomenclature
s
12 3 45
M7F-
@@@@@
1. No. of Numeral Display Digits
(No. of 7-segment LED Indicators)
2. Input Method
3. LED
4. Display Color
5. Display Contents
Note: 1. The input type for the five-digit model is dynamic only.
2. Dynamic input is available with the four-digit model as well as the five-
digit model.
3. The minus symbol and units are available with three and four-digit
models only.
4. Three-digit models with numerals only are not available.
Code
No. of digits
3
3 digits
4
4 digits
5
5 digits
Code
Input Method
P
Static positive logic
N
Static negative logic
D
Dynamic
Code
Character Height
1
14 mm
Code
Color
R
Red
G
Green
Code
Display Contents
F
Numerals and minus symbol
T
Numerals and units
None
Numerals only
DIP Switch
I/O Connector
(OMRON's XG4A-2031)
Connect 12 to 24 VDC.
Seven-segment LED
Character height: 14 mm
Color:
Red or green
Character:
Numerals only
Numerals and minus symbol (for three- and four-digit models only)
Numerals and units (for three- and four-digit models only)
Power Supply Terminal
Use with OMRON's XG4M-2030-T, XG5M-2032-N, XG5M-2035-N or
equivalent socket.
Connected to OMRON's PLCs with ease by using OMRON's
G79-
@C, G79-Y@C, or G79-O@C-@ Cable. Refer to page 3 for details.
Used for decimal point and negative value settings.
Refer to page 6 for details.


Similar Part No. - M7F-4D1G

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
M7F CHENDA-M7F Datasheet
87Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
M7F ZSELEC-M7F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
M7F BILIN-M7F Datasheet
449Kb / 4P
Surface Mount Rectifiers
logo
Shenzhen Yixinwei Techn...
M7F YIXIN-M7F Datasheet
135Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
M7F YIXIN-M7F Datasheet
79Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - M7F-4D1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
A Power Relay for a Variety of Purposes with Various Models
logo
Hammond Manufacturing L...
1457C1201 HAMMOND-1457C1201 Datasheet
923Kb / 1P
Solid models of this enclosure available in STEP or IGES.
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
Solid models of this enclosure available in STEP or IGES
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
Solid models of this enclosure available in STEP or IGES.
1457N1602 HAMMOND-1457N1602 Datasheet
250Kb / 1P
Solid models of this enclosure available in STEP or IGES.
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Ralston Instruments.
QTHA-HSTB-2F RALSTON-QTHA-HSTB-2F_19 Datasheet
591Kb / 1P
Connect three hoses or a combination of 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com