Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM2S-1513 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XM2S-1513
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S-1513 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XM2S-1513 Datasheet HTML 6Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 7Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 8Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 9Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 10Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 11Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 12Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 13Page - Omron Electronics LLC XM2S-1513 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
D-sub Connectors
XM3/XM2S
11
■ XM2Z Grounding Fixtures for XM3B
Note: 2 Grounding Fixtures are necessary per connector. Grounding Fixtures are not packaged in pairs.
Assembly Information
■ Anchors and Grounding Fixtures
■ Combination of Hexagonal Anchors for each connector (in post installation)
Anchor 2 and 3
Note: Use Grounding Fixtures
XM2Z-0061 or XM2Z-0062.
Anchor 1
Note: 1. Use Grounding Fixtures
XM2Z-0063 or XM2Z-0064.
2. Use a 6-mm screw that mates with the male
screw on Anchor 1.
Without Anchor
Note: Always use a screw without an Anchor.
A grounding Fixture (fixed-side tap) can
be used in place of the hexagonal nut.
Type
Model
Without Panel Insertion
With Panel Insertion
Commercially available nut
DIP L type socket
XM3B-
@@22
XM2Z-001
@
XM2Z-002
@
Necessary
XM3B-
@@22-501@
Not Necessary
XM3B-
@@22-502
DIP L type plug
XM3C-
@@22
XM2Z-001
@
XM2Z-002
@
Necessary
XM3C-
@@22-501
Not Necessary
XM3C-
@@22-502
DIP straight socket
XM3F-
@@20
XM2Z-001
@
XM2Z-002
@
Necessary
2.35 dia.
Screw A
4 dia.
Materials and Finish
Brass/nickel plated
Anchor 5
XM2Z-007
@
Thread Type (A)
Number of
Grooves
Groove Shape
Model
M2.6 x 0.45 metric screw None
XM2Z-0071
M3 x 0.5 metric screws
1
XM2Z-0072
#4-40 UNC inch screws
2
XM2Z-0073
Note: Anchor 5 is for use only with the Straight Connecting XM2S hoods, to provide a Thumbscrew feature.
2 anchors are necessary per connector. Anchors are not packaged in pairs.
Material and Finish
Phosphor bronze/nickel plated
Applicable through-hole diameter: 3.2 dia.
Fixed side tap hole
(M3
× 0.5) or through
hole (3.5 dia.)
Material and Finish
Steel/nickel plated
Fixed side tap hole
(M3
× 0.5) or through
hole (4.0 dia.)
PCB side
M3
× 0.5
Tap Hole Grounding Fixtures
XM2Z-006
@
Thread Type
Tap Hole
Grounding Fixtures
Lock Pin
Grounding Fixtures
Fixed-side tap holes
XM2Z-0061
XM2Z-0062
Fixed-side through holes
XM2Z-0063
XM2Z-0064
Lock Pin Grounding Fixtures
XM2Z-006
@
Anchor
2 or 3
Connector
Grounding Fixture
(fixed-side tap hole)
Anchor 1
Connector
Grounding
Fixture (fixed-
side tap hole)
Commercial
screws
Commercial
screws (M3)
Connector
Commercial
hexagonal
nut (M3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com