Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFIC31025N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFIC31025N
Description  RF LDMOS Integrated Power Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC31025N Datasheet(HTML) 2 Page - NXP Semiconductors

  AFIC31025N Datasheet HTML 1Page - NXP Semiconductors AFIC31025N Datasheet HTML 2Page - NXP Semiconductors AFIC31025N Datasheet HTML 3Page - NXP Semiconductors AFIC31025N Datasheet HTML 4Page - NXP Semiconductors AFIC31025N Datasheet HTML 5Page - NXP Semiconductors AFIC31025N Datasheet HTML 6Page - NXP Semiconductors AFIC31025N Datasheet HTML 7Page - NXP Semiconductors AFIC31025N Datasheet HTML 8Page - NXP Semiconductors AFIC31025N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
NXP Semiconductors
AFIC31025N AFIC31025GN
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +65
Vdc
Gate--Source Voltage
VGS
–0.5, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature Range
TC
–40 to +150
C
Operating Junction Temperature Range (1)
TJ
–40 to +225
C
Input Power
Pin
20
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 81C, DC, Total PD = 29.3 W
Stage 1, 28 Vdc, PD =3.8 W
Stage 2, 28 Vdc, PD = 25.5 W
RJC
5.85
1.92
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B
Charge Device Model (per JESD22--C101)
II
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- Off Characteristics (3)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =32 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.0 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 1 -- On Characteristics
Gate Threshold Voltage (3)
(VDS =10 Vdc, ID =2.5 Adc)
VGS(th)
0.8
1.2
1.6
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ1(A+B) =59 mAdc)
VGS(Q)
—
2.0
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ1(A+B) = 59 mAdc, Measured in Functional Test)
VGG(Q)
4.6
5.3
6.1
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
3. Each side of device measured separately.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com