Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT05MS003N Datasheet(PDF) 14 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors AFT05MS003N Datasheet HTML 11Page - NXP Semiconductors AFT05MS003N Datasheet HTML 12Page - NXP Semiconductors AFT05MS003N Datasheet HTML 13Page - NXP Semiconductors AFT05MS003N Datasheet HTML 14Page - NXP Semiconductors AFT05MS003N Datasheet HTML 15Page - NXP Semiconductors AFT05MS003N Datasheet HTML 16Page - NXP Semiconductors AFT05MS003N Datasheet HTML 17Page - NXP Semiconductors AFT05MS003N Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS003N
TYPICAL CHARACTERISTICS — 520 MHz NARROWBAND
PRODUCTION TEST FIXTURE
0
12
3
2
1
3
4
1.5
2.5
4
5
Pin = 14.0 dBm
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 15. Output Power versus Gate--Source Voltage
Figure 16. Power Gain, Output Power and Drain
Efficiency versus Input Power
Pin, INPUT POWER (mW)
0
6
3
0
D
Gps
30
50
40
10
20
15
12
9
18
60
70
80
Pout
VDD =7.5 Vdc, IDQ = 100 mA
f = 520 MHz
Pin =11.0 dBm
21
24
40
80
160
90
VDD =7.5 Vdc,f=520 MHz
3.5
120
f
MHz
Zsource
Zload
520
1.86 + j4.46
4.30 + j3.43
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 17. Narrowband Series Equivalent Source and Load Impedance — 520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com