Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT05MS006N Datasheet(PDF) 17 Page - NXP Semiconductors

Part # AFT05MS006N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006N Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button AFT05MS006N Datasheet HTML 13Page - NXP Semiconductors AFT05MS006N Datasheet HTML 14Page - NXP Semiconductors AFT05MS006N Datasheet HTML 15Page - NXP Semiconductors AFT05MS006N Datasheet HTML 16Page - NXP Semiconductors AFT05MS006N Datasheet HTML 17Page - NXP Semiconductors AFT05MS006N Datasheet HTML 18Page - NXP Semiconductors AFT05MS006N Datasheet HTML 19Page - NXP Semiconductors AFT05MS006N Datasheet HTML 20Page - NXP Semiconductors AFT05MS006N Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AFT05MS006NT1
17
RF Device Data
Freescale Semiconductor, Inc.
760--870 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =2 
Zsource
Zload
f = 760 MHz
f = 870 MHz
f = 760 MHz
f = 870 MHz
VDD =7.5 Vdc, IDQ = 100 mA, Pout =6 WAvg.
f
MHz
Zsource
Zload
760
1.42 + j1.30
1.72 - j0.24
770
1.37 + j1.21
1.65 - j0.11
780
1.21 + j1.16
1.53 + j0.08
790
1.10 + j1.17
1.46 + j0.25
800
1.09 + j1.19
1.49 + j0.38
810
1.17 + j1.24
1.61 + j0.47
820
1.33 + j1.27
1.82 + j0.50
830
1.42 + j1.22
1.99 + j0.46
840
1.35 + j1.14
1.99 + j0.48
850
1.12 + j1.10
1.84 + j0.56
860
0.90 + j1.08
1.69 + j0.66
870
0.77 + j1.10
1.62 + j0.73
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 20. UHF Broadband Series Equivalent Source and Load Impedance — 760--870 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com