Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54980 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54980
Description  3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54980 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54980 Datasheet HTML 9Page - Texas Instruments TPS54980 Datasheet HTML 10Page - Texas Instruments TPS54980 Datasheet HTML 11Page - Texas Instruments TPS54980 Datasheet HTML 12Page - Texas Instruments TPS54980 Datasheet HTML 13Page - Texas Instruments TPS54980 Datasheet HTML 14Page - Texas Instruments TPS54980 Datasheet HTML 15Page - Texas Instruments TPS54980 Datasheet HTML 16Page - Texas Instruments TPS54980 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TPS54980
SLVS452A − FEBRUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
13
DETAILED DESCRIPTION
UNDERVOLTAGE LOCKOUT (UVLO)
The TPS54980 incorporates an undervoltage lockout
circuit to keep the device disabled when the input voltage
(VIN) is insufficient. During power up, internal circuits are
held inactive until VIN exceeds the nominal UVLO
threshold voltage of 2.95 V. Once the UVLO start threshold
is reached, device start-up begins. The device operates
until VIN falls below the nominal UVLO stop threshold of
2.8 V. Hysteresis in the UVLO comparator, and a 2.5-
µs
rising and falling edge deglitch circuit reduce the likelihood
of shutting the device down due to noise on VIN.
TRACKIN/INTERNAL SLOW-START
The internal slow-start circuit provides start-up slope
control of the output voltage. The nominal internal
slow-start rate is 25 V/ms. When the voltage on TRACKIN
rises faster than the internal slope or is present when
device operation is enabled, the output rises at the internal
rate. If the reference voltage on TRACKIN rises more
slowly, then the output rises at about the same rate as
TRACKIN.
Once the voltage on the TRACKIN pin is greater than the
internal reference of 0.891 V, the multiplexer switches the
noninverting node to the high precision reference.
ENABLE (ENA)
The enable pin, ENA, provides a digital control enable or
disable (shut down) for the TPS54980. An input voltage of
1.4 V or greater ensures that the TPS54980 is enabled. An
input of 0.82 V or less ensures that device operation is
disabled. These are not standard logic thresholds, even
though they are compatible with TTL outputs.
When ENA is low, the oscillator, slow-start, PWM control
and MOSFET drivers are disabled and held in an initial
state ready for device start-up. On an ENA transition from
low to high, device start-up begins with the output starting
from 0 V.
VBIAS REGULATOR (VBIAS)
The VBIAS regulator provides internal analog and digital
blocks with a stable supply voltage over variations in
junction temperature and input voltage. A high quality,
low-ESR, ceramic bypass capacitor is required on the
VBIAS
pin.
X7R
or
X5R
grade
dielectrics
are
recommended because their values are more stable over
temperature. The bypass capacitor must be placed close
to the VBIAS pin and returned to AGND.
External loading on VBIAS is allowed, with the caution that
internal circuits require a minimum VBIAS of 2.70 V, and
external loads on VBIAS with ac or digital switching noise
may degrade performance. The VBIAS pin may be useful
as a reference voltage for external circuits.
VOLTAGE REFERENCE
The voltage reference system produces a precise Vref
signal by scaling the output of a temperature stable
bandgap circuit. During manufacture, the bandgap and
scaling circuits are trimmed to produce 0.891 V at the
output of the error amplifier, with the amplifier connected
as a voltage follower. The trim procedure adds to the high
precision regulation of the TPS54980, since it cancels
offset errors in the scale and error amplifier circuits.
OSCILLATOR AND PWM RAMP
The oscillator frequency is set internally to 350 kHz. If a
different frequency of operation is required for the
application, the oscillator frequency can be externally
adjusted from 280 to 700 kHz by connecting a resistor
between the RT pin and AGND. The switching frequency
is approximated by the following equation, where R is the
resistance from RT to AGND:
Switching Frequency
+ 100 kW
R
500 [kHz]
SWITCHING FREQUENCY
RT PIN
350 kHz, internally set
Float
Externally set 280 kHz to 700 kHz
R = 180 k
Ω to 68 kΩ
ERROR AMPLIFIER
The high performance, wide bandwidth, voltage error
amplifier sets the TPS54980 apart from most dc/dc
converters. The user is given the flexibility to use a wide
range of output L and C filter components to suit the
particular
application
needs.
Type
2
or
type
3
compensation
can
be
employed
using
external
compensation components.
PWM CONTROL
Signals from the error amplifier output, oscillator, and
current limit circuit are processed by the PWM control
logic. Referring to the internal block diagram, the control
logic includes the PWM comparator, OR gate, PWM latch,
and portions of the adaptive dead-time and control logic
block. During steady-state operation below the current
limit threshold, the PWM comparator output and oscillator
pulse train alternately reset and set the PWM latch. Once
the PWM latch is reset, the low-side FET remains on for a
minimum duration set by the oscillator pulse width. During
this period, the PWM ramp discharges rapidly to its valley
voltage. When the ramp begins to charge back up, the
low-side FET turns off and high-side FET turns on. As the
PWM ramp voltage exceeds the error amplifier output
voltage, the PWM comparator resets the latch, thus
turning off the high-side FET and turning on the low-side
FET. The low-side FET remains on until the next oscillator
pulse discharges the PWM ramp.
During transient conditions, the error amplifier output
could be below the PWM ramp valley voltage or above the
PWM peak voltage. If the error amplifier is high, the PWM
latch is never reset, and the high-side FET remains on until
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com