Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2631IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2631IP
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2631IP Datasheet(HTML) 3 Page - Texas Instruments

  TLV2631IP Datasheet HTML 1Page - Texas Instruments TLV2631IP Datasheet HTML 2Page - Texas Instruments TLV2631IP Datasheet HTML 3Page - Texas Instruments TLV2631IP Datasheet HTML 4Page - Texas Instruments TLV2631IP Datasheet HTML 5Page - Texas Instruments TLV2631IP Datasheet HTML 6Page - Texas Instruments TLV2631IP Datasheet HTML 7Page - Texas Instruments TLV2631IP Datasheet HTML 8Page - Texas Instruments TLV2631IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
3
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
GND to VDD − 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II (any input)
± 10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: I-suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: All voltage values, except differential voltages, are with respect to GND.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
5.5
V
Supply voltage, VDD
Split supply
±1.35
±2.75
V
Common-mode input voltage range, VICR
GND
VDD−1
V
Operating free-air temperature, TA
I-suffix
−40
125
°C
Shutdown on/off voltage level‡
VIL
0.4
V
Shutdown on/off voltage level‡
VIH
2
V
‡ Relative to GND.
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V (unless otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
250
3500
V
VIO
Input offset voltage
Full range
4500
µV
VIO
Input offset voltage
VIC = VDD/2,
V
= V
/2
TLV2634/5
25
°C
250
4200
V
VIC = VDD/2,
VO = VDD/2
TLV2634/5
Full range
5200
µV
αVIO
Temperature coefficient of input offset
voltage
ODD
25
°C
3
µV/°C
VDD = 2.7 V
25
°C
76
100
CMRR
Common-mode rejection ratio
VIC = GND to VDD−1 V
VDD = 2.7 V
Full range
67
dB
CMRR
Common-mode rejection ratio
VIC = GND to VDD−1 V
VDD = 5 V
25
°C
77
100
dB
VDD = 5 V
Full range
74
AVD
Large-signal differential voltage
RL = 2 kΩ, VO(PP) = VDD−1 V
25
°C
90
100
dB
AVD
Large-signal differential voltage
amplification
RL = 2 kΩ, VO(PP) = VDD−1 V
Full range
82
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com