Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2632ID Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2632ID
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2632ID Datasheet(HTML) 5 Page - Texas Instruments

  TLV2632ID Datasheet HTML 1Page - Texas Instruments TLV2632ID Datasheet HTML 2Page - Texas Instruments TLV2632ID Datasheet HTML 3Page - Texas Instruments TLV2632ID Datasheet HTML 4Page - Texas Instruments TLV2632ID Datasheet HTML 5Page - Texas Instruments TLV2632ID Datasheet HTML 6Page - Texas Instruments TLV2632ID Datasheet HTML 7Page - Texas Instruments TLV2632ID Datasheet HTML 8Page - Texas Instruments TLV2632ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
5
www.ti.com
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V (unless otherwise noted)
(continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
GBWP
Gain-bandwidth product
RL = 2 kΩ, CL = 10 pF, f = 10 kHz
9
MHz
SR+
Positive slew rate at unity gain
RL = 2 kΩ CL = 50 pF
VDD = 2.7 V,
VO(PP) = 1.7 V
6
V/ s
SR+
Positive slew rate at unity gain
RL = 2 kΩ, CL = 50 pF
VDD = 5 V,
VO(PP) = 3.5 V
6
V/
µs
SR−
Negative slew rate at unity gain
RL = 2 kΩ CL = 50 pF
VDD = 2.7 V,
VO(PP) = 1.7 V
25
°C
10
V/
µs
SR−
Negative slew rate at unity gain
RL = 2 kΩ, CL = 50 pF
VDD = 5 V,
VO(PP) = 3.5 V
9.5
V/
µs
φm
Phase margin
RL = 2 kΩ,
CL = 10 pF
50
°
Gain margin
RL = 2 kΩ,
CL = 10 pF
20
dB
† Full range is −40°C to 125°C for the I-suffix.
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VO(PP) = VDD/2,
AV = 1
0.003%
THD + N
Total harmonic distortion plus noise
VO(PP) = VDD/2,
RL = 2 kΩ, f = 10 kHz
AV = 10
0.02%
THD + N
Total harmonic distortion plus noise
RL = 2 kΩ, f = 10 kHz
AV = 100
25
°C
0.095%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
50
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
30
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.9
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD(SHDN)
Supply current, per channel in shutdown
SHDN = 0.4 V
25
°C
4
17
A
IDD(SHDN)
Supply current, per channel in shutdown
mode (TLV2630, TLV2633, TLV2635)
SHDN = 0.4 V
Full range
19
µA
t(on)
Amplifier turnon time‡
RL = 2 kΩ
VDD = 2.7 V
4.5
s
t(on)
Amplifier turnon time‡
RL = 2 kΩ,
CL = 10 pF
VDD = 5 V
25
°C
1.5
µs
t(off)
Amplifier turnoff time‡
CL = 10 pF
25 C
200
ns
† Full range is −40°C to 125°C for the I-suffix.
‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com