Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1012 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1012
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1012 Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1012_16 Datasheet HTML 1Page - Unisonic Technologies LR1012_16 Datasheet HTML 2Page - Unisonic Technologies LR1012_16 Datasheet HTML 3Page - Unisonic Technologies LR1012_16 Datasheet HTML 4Page - Unisonic Technologies LR1012_16 Datasheet HTML 5Page - Unisonic Technologies LR1012_16 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR1012
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-495.G
TERMS
CL (Output capacitors)
Cause the UTC LR1012L series can provide stable operation without CL.So the CL are used only to improve
transient response characteristics.And when CL is used, a low ESR (Equivalent Series Resistance) capacitor like
ceramic capacitor can also be used. CL can hence be removed in applications when transient response can be
negligible.
VOUT (Output voltage)
Unless the under conditions change, the accuracy of the output voltage is ±2.0% guaranteed under the specified
conditions for input voltage, which differs depending upon the product items, output current, and temperature.
∆VOUT1, ∆VOUT2 (Line regulations 1 and 2)
After a change in the input voltage with the output current remained unchanged, these values show how much
the output voltage changes.
∆VOUT3 (Load regulation)
After a change in the output current with the input voltage remained unchanged, these values show how much
the output voltage changes.
Dropout voltage (Vdrop)
When output voltage falls to 98% of VOUT (E) by gradually decreasing the input voltage (VIN), this value shows the
difference between the input voltage (VIN1) and the output voltage. Vdrop=VIN1-[VOUT (E)×0.98]
APPLICATION CIRCUIT
VIN
R1
CIN
GND
VIN
ON/OFF
VSS
VOUT
VOUT
Tr1
UTC LR1012L
CL
Output Current Boost Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com