Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR6XXYY Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR6XXYY
Description  DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6XXYY Datasheet(HTML) 2 Page - Unisonic Technologies

  LR6XXYY Datasheet HTML 1Page - Unisonic Technologies LR6XXYY Datasheet HTML 2Page - Unisonic Technologies LR6XXYY Datasheet HTML 3Page - Unisonic Technologies LR6XXYY Datasheet HTML 4Page - Unisonic Technologies LR6XXYY Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR6XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-718.d
MARKING INFORMATIONS
VOLTAGE CODE
MARKING
PACKAGE
XX
YY
12:1.2V
33:3.3V
HSOP-8
33:3.3V
33:3.3V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT1
Output 1
2, 3
VIN
Power input
4
VOUT2
Output 2
5, 6, 8
NC
No connection
7
GND (TAB)
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com