Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2632IP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2632IP
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2632IP Datasheet(HTML) 4 Page - Texas Instruments

  TLV2632IP Datasheet HTML 1Page - Texas Instruments TLV2632IP Datasheet HTML 2Page - Texas Instruments TLV2632IP Datasheet HTML 3Page - Texas Instruments TLV2632IP Datasheet HTML 4Page - Texas Instruments TLV2632IP Datasheet HTML 5Page - Texas Instruments TLV2632IP Datasheet HTML 6Page - Texas Instruments TLV2632IP Datasheet HTML 7Page - Texas Instruments TLV2632IP Datasheet HTML 8Page - Texas Instruments TLV2632IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
4
www.ti.com
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V (unless otherwise noted)
(continued)
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IIO
Input offset current
25
°C
1
50
IIO
Input offset current
VIC = VDD/2,
Full range
100
pA
IIB
Input bias current
VIC = VDD/2,
VO = VDD/2
25
°C
1
50
pA
IIB
Input bias current
VO = VDD/2
Full range
200
ri(d)
Differential input resistance
25
°C
1000
G
Ω
Ci(c)
Common-mode input capacitance
f = 1 kHz
25
°C
12
pF
† Full range is −40°C to 125°C for the I-suffix.
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
2.6
2.67
VIC = VDD/2, IOH = − 1 mA
VDD = 2.7 V
Full range
2.55
VIC = VDD/2, IOH = − 1 mA
VDD = 5 V
25
°C
4.92
4.98
VOH
High-level output voltage
VDD = 5 V
Full range
4.9
V
VOH
High-level output voltage
VDD = 2.7 V
25
°C
2.25
2.43
V
VIC = VDD/2, IOH = − 10 mA
VDD = 2.7 V
Full range
2.15
VIC = VDD/2, IOH = − 10 mA
VDD = 5 V
25
°C
4.7
4.8
VDD = 5 V
Full range
4.65
VDD = 2.7 V
25
°C
0.03
0.1
VIC = VDD/2, IOL = 1 mA
VDD = 2.7 V
Full range
0.15
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
25
°C
0.025
0.08
VOL
Low-level output voltage
VDD = 5 V
Full range
0.1
mV
VOL
Low-level output voltage
VDD = 2.7 V
25
°C
0.26
0.45
mV
VIC = VDD/2, IOL = 10 mA
VDD = 2.7 V
Full range
0.47
VIC = VDD/2, IOL = 10 mA
VDD = 5 V
25
°C
0.2
0.3
VDD = 5 V
Full range
0.35
VDD = 2.7 V,
Sourcing
14
IO
Output current
VDD = 2.7 V,
VO = 0.5 V from rail
Sinking
25
°C
19
mA
IO
Output current
VDD = 5 V,
Sourcing
25
°C
28
mA
VDD = 5 V,
VO = 0.5 V from rail
Sinking
28
Sourcing
VDD = 2.7 V
50
IOS
Short-circuit output current
Sourcing
VDD = 5 V
25
°C
95
mA
IOS
Short-circuit output current
Sinking
VDD = 2.7 V
25
°C
50
mA
Sinking
VDD = 5 V
95
† Full range is −40°C to 125°C for the I-suffix.
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
25
°C
730
1000
A
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
Full range
1350
µA
PSRR
Supply voltage rejection ratio
VDD = 2.7 V to 5.5 V,
No load
25
°C
70
90
dB
PSRR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 5.5 V,
VIC = VDD /2
No load
Full range
65
dB
† Full range is −40°C to 125°C for the I-suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com