Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS901EASB Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TSS901EASB
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASB Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TSS901EASB Datasheet HTML 7Page - ATMEL Corporation TSS901EASB Datasheet HTML 8Page - ATMEL Corporation TSS901EASB Datasheet HTML 9Page - ATMEL Corporation TSS901EASB Datasheet HTML 10Page - ATMEL Corporation TSS901EASB Datasheet HTML 11Page - ATMEL Corporation TSS901EASB Datasheet HTML 12Page - ATMEL Corporation TSS901EASB Datasheet HTML 13Page - ATMEL Corporation TSS901EASB Datasheet HTML 14Page - ATMEL Corporation TSS901EASB Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
TSS901E
Rev. C – 24-Aug-01
53
53
53
CH3_DSM_TSTR
channel 3 DSM test Register
00
r / w
54
54
54
CH3_ADDR
channel 3 address Register
00
r / w
55
55
55
CH3_RT_ADDR
channel 3 Route address Register
00
r / w
56
56
56
CH3__PR_STAR
channel 3 Protocol Status Register
04
r / w
57
57
57
reserved
00
58
58
58
CH3_CNTRL1
channel 3 control Register 1
00
r / w
59
59
59
CH3_CNTRL2
channel 3 control Register 2
00
r / w
5A
5A
5A
CH3_HTID
channel 3 Header Transaction ID byte
00
ro
5B
5B
5B
CH3_HCNTRL
channel 3 Header control byte
00
ro
5C
5C
5C
CH3_ESR1
channel 3 detailed error source register 1
00
r / w
5D
5D
5D
CH3_ESR2
channel 3 detailed error source register 2
00
r / w
5E
5E
5E
reserved
00
5F
5F
5F
CH3_COMICFG
channel 3 COMI configuration register
00
r / w
60
60
60
61
CH3_TX_SAR
channel 3 transmit Start Address Register
00
r / w
62
62
62
63
CH3_TX_EAR
channel 3 transmit End Address Register
00
r / w
64
64
64
65
CH3_TX_CAR
channel 3 transmit Current Address Register
00
ro
66
66
66
CH3_TX_FIFO
channel 3 transmit FIFO
00
wo
67
67
67
CH3_TX_EOPB
channel 3 transmit EOP Bit Register
00
wo
68
68
68
69
CH3_RX_SAR
channel 3 receive Start Address Register
00
r / w
6A
6A
6A
6B
CH3_RX_EAR
channel 3 receive End Address Register
00
r / w
6C
6C
6C
6D
CH3_RX_CAR
channel 3 receive Current Address Register
00
ro
6E
6E
6E
CH3_RX_FIFO
channel 3 receive FIFO
xxxxxxxx
ro
6F
6F
6F
CH3_STAR
channel 3 Status Register
01
ro
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com