Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13743 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13743
Description  Ledil Oy Salorankatu 10 FIN 24240 SALO Finland
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13743 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13743 Datasheet HTML 1Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
H
B
G
3
2
4
1
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A3
1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
CN13377
28,8 g
CN13377_BERTHA1-TYPE2-S
INDEX PART NO
DESCRIPTION
MATERIAL COLOUR
1
C13743
BERTHA1-TYPE2-S_BASE
PEI, SiO2
metal
2
C13744
BERTHA1-TYPE2-S_TOP
PEI, SiO2
metal
139.42
69.61
19.05
Top view
51
38.1
c/c
Bottom view
LED middle position
3.83
63.5
c/c
5
3.82
Rear view


Similar Part No. - C13743

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13746 LEDIL-C13746 Datasheet
1Mb / 4P
~165째 wide beam
logo
Cree, Inc
C13749 CREE-C13749 Datasheet
4Mb / 69P
HighBay series
logo
Ledil, Inc.
C13749 LEDIL-C13749 Datasheet
5Mb / 87P
HighBay Lens
More results

Similar Description - C13743

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN16191 LEDIL-CN16191 Datasheet
4Mb / 7P
~65째 wide beam with holder C compatible with LEDiL HEKLA
CP16601 LEDIL-CP16601 Datasheet
3Mb / 5P
Assembly with holder C compatible with LEDiL HEKLA
F15558 LEDIL-F15558_18 Datasheet
8Mb / 9P
~15째 spot beam. Compatible with LEDiL HEKLA.
F15559 LEDIL-F15559_18 Datasheet
8Mb / 9P
~25째 wide beam. Compatible with LEDiL HEKLA.
F15560 LEDIL-F15560_18 Datasheet
8Mb / 9P
~35째 wide beam. Compatible with LEDiL HEKLA.
F16002 LEDIL-F16002_18 Datasheet
5Mb / 7P
~50째 wide beam compatible with LEDiL HEKLA
F16363 LEDIL-F16363 Datasheet
6Mb / 4P
~12째 spot beam compatible with LEDiL HEKLA
F16364 LEDIL-F16364 Datasheet
5Mb / 5P
~25째 wide beam compatible with LEDiL HEKLA
F16365 LEDIL-F16365 Datasheet
5Mb / 4P
~40째 wide beam compatible with LEDiL HEKLA
F16366 LEDIL-F16366 Datasheet
5Mb / 5P
~60째 wide beam compatible with LEDiL HEKLA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com