Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR5AM Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR5AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR5AM Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR5AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR5AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR5AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR5AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR5AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
160
120
100
60
20
0
3.2
0
0.4
1.2
2.0
2.8
40
80
140
0.8
1.6
2.4
NATURAL CONVECTION
NO FINS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
102
7
5
3
2
–60
–20
20
101
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
100
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
VD = 12V
TYPICAL
EXAMPLE
DISTRIBUTION
140
–60
–20
20
60
100
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
–40
0
40
80
120
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G–
TYPICAL
EXAMPLE
T2
+, G+
T2
– , G–
TYPICAL
EXAMPLE
DISTRIBUTION
160
120
100
60
20
0
8
0
1
357
40
80
140
24
6
60 60 t2.3
120 120 t2.3
100 100 t2.3
CURVES APPLY
REGARDLESS OF
CONDUCTION ANGLE
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
ALL FINS ARE BLACK PAINTED
ALUMINUM AND GREASED
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5AM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com