Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5915 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5915
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5915 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5915 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5915 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5915 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5915 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5915
No.7408-3/4
10
100
1.0
0.1
27
5
32
3
7
2
55
7
3
5
2
100
10
3
5
7
7
2
1000
3
5
7
A S O
IT05562
A S O
コレクタ・エミッタ電圧, VCE -- V
周囲温度, Ta --
°C
PC -- Ta
IT05563
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.65
1.8
23
5
0.1
7 1.0
23
5
7 10
23
5
7
0.01
2
0.1
1.0
2
3
5
7
3
5
7
10
2
3
5
7
2
3
1.0
10
0.1
0.01
VBE(sat) -- IC
コレクタ電流, IC -- A
IT05558
2
1.0
0.1
2
3
5
7
10
27
5
32
3
7
2
55
7
3
3
5
7
25°C
75°C
Ta= --25°C
IC / IB=20
fT -- IC
コレクタ電流, IC -- A
IT05561
Cob -- VCB
コレクタ・ベース電圧, VCB -- V
IT05560
f=1MHz
7
5
3
2
1.0
10
0.1
0.01
57
23
7
5
3
2
VCE(sat) -- IC
コレクタ電流, IC -- A
IT05557
0.01
2
0.1
1.0
3
5
7
2
3
5
7
2
IC / IB=50
Ta=75
°C
25
°C
--25
°C
1.0
10
0.1
0.01
hFE -- IC
コレクタ電流, IC -- A
IT05559
27
5
32
3
7
2
55
7
3
10
3
2
100
2
3
5
7
1000
5
7
25
°C
--25
°C
Ta=75
°C
VCE=2V
1.0
10
0.1
0.01
2
100
10
2
3
5
7
1000
27
5
32
3
7
2
55
7
3
3
5
7
VCE=5V
放熱板なし
Tc=25
°C
1パルス
ICP=15A
IC=10A
100ms
≦10
µs
50
µs
10ms
ケース温度, Tc --
°C
PC -- Tc
IT05564
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com