Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1803L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1803L-SH2-R
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1803L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L1803L-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L1803
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-058.d
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1KHz, IOUT=1A, VIN=1.8V,
VOUT=1.5V
60
dB
Power-Supply Rejection (VIN~VOUT)
PSRR
300KHz, IOUT=1A, VIN=1.8V,
VOUT=1.5V
30
dB
1KHz, IOUT=1A, VIN=1.8V,
VOUT=1.5V
50
dB
Power-Supply Rejection
(VVCC~VOUT)
300KHz, IOUT=1A, VIN=1.8V,
VOUT=1.5V
30
dB
Startup Time
TST
RLOAD for IOUT=1.0A,
CSS =OPEN
100
µS
Soft-Start Charging Current
ISS
VSS=0.4V
440
nA
Enable Input High Level
VEN, HI
1.1
5.5
V
Enable Input Low Level
VEN, LO
0
0.4
V
Enable Pin Hysteresis
VEN, HYS
50
mV
Enable Pin Current
IEN
VEN=5V
0.1
1
µA
PG Trip Threshold
VPG, TH
VOUT Decreasing
85
90
94
%VOUT
PG Trip Hysteresis
VPG, HYS
7
%VOUT
PG Output Low Voltage
VPG, LO
IPG=1mA (Sinking), VOUT<VPG,
TH
0.3
V
PG Leakage Current
IPG, LKG
VPG=5.25V, VOUT>VPG, TH
0.1
1
µA
Shutdown, Temperature
Increasing
+150
°C
Thermal Shutdown Temperature
TSD
Reset, Temperature Decreasing
+130
°C
Notes: 1. VVCC should be higher or equal to VIN in this chip.
2. Tested at 0.8V; resistor tolerance is not taken into account.
3. Dropout is defined as the voltage from VIN to VOUT when VOUT is 3% below nominal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com