Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA160AT-E/MS Datasheet(PDF) 2 Page - Microchip Technology

Part # 25AA160AT-E/MS
Description  16K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA160AT-E/MS Datasheet(HTML) 2 Page - Microchip Technology

  25AA160AT-E/MS Datasheet HTML 1Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 2Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 3Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 4Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 5Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 6Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 7Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 8Page - Microchip Technology 25AA160AT-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
25XX160A/B
DS21807B-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
V
CC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. V
SS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature .................................................................................................................................-65°C to 150°C
Ambient temperature under bias ...............................................................................................................-65°C to 125°C
ESD protection on all pins ..........................................................................................................................................4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
T
AMB = -40°C to +85°C
V
CC = 1.8V to 5.5V
Automotive (E):
T
AMB = -40°C to +125°C
V
CC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
D001
V
IH1
High-level input
voltage
2.0
V
CC +1
V
V
CC
≥ 2.7V (Note)
D002
V
IH2
0.7 V
CC
V
CC +1
V
V
CC< 2.7V (Note)
D003
V
IL1
Low-level input
voltage
-0.3
0.8
V
V
CC
≥ 2.7V (Note)
D004
V
IL2
-0.3
0.2 V
CC
VV
CC < 2.7V (Note)
D005
V
OL
Low-level output
voltage
—0.4
V
I
OL = 2.1 mA
D006
V
OL
—0.2
V
I
OL = 1.0 mA, VCC < 2.5V
D007
V
OH
High-level output
voltage
V
CC -0.5
—
V
I
OH = -400
µA
D008
I
LI
Input leakage current
±1
µACS = VCC, VIN = VSS TO VCC
D009
I
LO
Output leakage
current
±1
µACS = VCC, VOUT = VSS TO VCC
D010
C
INT
Internal Capacitance
(all inputs and
outputs)
—
7
pF
T
AMB = 25°C, CLK = 1.0 MHz,
V
CC = 5.0V (Note)
D011
I
CC Read
Operating Current
—
—
6
2.5
mA
mA
V
CC = 5.5V; FCLK = 10.0 MHz;
SO = Open
V
CC = 2.5V; FCLK = 5.0 MHz;
SO = Open
D012
I
CC Write
—
3
mA
V
CC = 5.5V
D013
I
CCS
Standby Current
—
—
5
1
µA
µA
CS = V
CC = 5.5V, Inputs tied to VCC or
V
SS, TAMB = -40°C TO +125°C
CS = V
CC = 2.5V, Inputs tied to VCC or
V
SS, TAMB = -40°C TO +85°C
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com