Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R03LD10L-TN5-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # R03LD10L-TN5-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R03LD10L-TN5-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button R03LD10L-TN5-R Datasheet HTML 3Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 4Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 5Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 6Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 7Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 8Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 9Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 10Page - Unisonic Technologies R03LD10L-TN5-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
1111
www.unisonic.com.tw
QW-R102-025.G
TYPICAL CHARACTERISTICS(Cont.)
5
0
3
30
0
Input Voltage, VIN (V)
12
4
10
RL = ∞Ω(IoUT = 0A)
RL = 2.5Ω(IoUT = 1A)
5
0
3
30
0
Circuit Operating Current vs. Input Voltage
(R03LD10)
Input Voltage, VIN (V)
12
4
10
Circuit Operating Current vs. Input Voltage
(R25LD10)
RL = 5Ω(IoUT = 0.5A)
20
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 47μF
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 47μF
RL = 3Ω
(IoUT = 1A)
RL = 6Ω
(IoUT = 0.5A)
20
RL = ∞Ω(IoUT = 0A)
5
0
3
30
0
Input Voltage, VIN (V)
12
4
10
RL = ∞Ω
(IoUT = 0A)
RL = 3.3Ω(IoUT = 1A)
125
0
50
1.4
-50
Quescent Current vs. Junction Temperature
(RXXLD10)
-25
25
100
0.4
Circuit Operating Current vs. Input Voltage
(R33LD10)
20
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 47μF
1
RL = 6.6Ω(IoUT = 0.5A)
IOUT = 0A
VC = 2.7V
18: VIN = 2.8V
15: VIN = 2.5V
33: VIN = 4.3V
30: VIN = 4.0V
25: VIN = 3.5V
1.2
0.8
0.6
0.2
75
0
Junction Temperature, TJ (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com