Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1601 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1601
Description  Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1601 Datasheet(HTML) 3 Page - Anachip Corp

  AP1601 Datasheet HTML 1Page - Anachip Corp AP1601 Datasheet HTML 2Page - Anachip Corp AP1601 Datasheet HTML 3Page - Anachip Corp AP1601 Datasheet HTML 4Page - Anachip Corp AP1601 Datasheet HTML 5Page - Anachip Corp AP1601 Datasheet HTML 6Page - Anachip Corp AP1601 Datasheet HTML 7Page - Anachip Corp AP1601 Datasheet HTML 8Page - Anachip Corp AP1601 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP1601
Step-Up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Apr. 14, 2005
3/9
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage (OUT to GND)
-0.3 to 8.0
V
VBATT
Battery Voltage (Batt to GND)
-0.3 to 6.0
V
LBI, REF, FB, CLSEL to GND
-0.3 to VOUT+0.3
V
VSW
Switch Voltage (LX to GND)
-0.3 to VOUT+0.3
V
IOUT
Output Current (OUT)
-1.5 to +1.5
A
VLBO
LBO to GND
6.0
V
ISW
Switch Current (LX)
-1.5 to +1.5
A
TST
Storage Temperature Range
-65 to +150
oC
TOT
Operation Temperature Range
-40 to +80
oC
Electrical Characteristics
(VBATT = 2V, FB = OUT (VOUT = 3.3V), RL = ∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Minimum Input Voltage
-
0.9
-
V
VIN
Operating Voltage
TA = +25°C
1.1
-
5.5
V
Start-Up Voltage
TA = +25°C,
RL = 3kΩ (Note 1)
-
0.9
1.1
V
Start-Up Voltage Tempco
-
-2
-
mV/°C
Output Voltage Range
2
-
5.5
V
AP1601
(CLSEL=OUT)
300
420
-
(VOUT = 3.3V)
AP1601
(CLSEL=GND)
150
220
-
AP1601
(CLSEL=OUT)
180
285
-
IOUT
Steady-State Output
Current (Note2)
(VOUT = 5V)
AP1601
(CLSEL=GND)
90
130
-
mA
VREF
Reference Voltage
IREF=0
1.176
1.2
1.224
V
TEMPCO
Reference Voltage Tempco
-
0.024
-
mV/°C
VREF_LOAD
Reference Voltage Load
Regulation
IREF=0 to 20µA
-
30
80
mV
VREF_LINE
Reference Voltage Line
Regulation
VOUT=2V to 5.5V
-
0.08
2.5
mV/V
FB, LB1 Input Threshold
1.176
1.2
1.224
V
RDS(ON)
Internal NFET, PFET
On-Resistance
ILX=100mA
-
0.3
0.6
Ω
AP1601 (CLSEL=OUT)
0.80
1
1.20
ILIM
LX Switch Current Limit
(NFET)
AP1601 (CLSEL=GND)
0.4
0.5
0.65
A
ILEAK
LX Leakage Current
ILX=0, 5.5V; VOUT=5.5V
-
0.05
1
μ
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com