Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07378 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # MA07378
Description  SAW Filter 168.5.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07378 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  MA07378 Datasheet HTML 1Page - Golledge Electronics Ltd MA07378 Datasheet HTML 2Page - Golledge Electronics Ltd MA07378 Datasheet HTML 3Page - Golledge Electronics Ltd MA07378 Datasheet HTML 4Page - Golledge Electronics Ltd MA07378 Datasheet HTML 5Page - Golledge Electronics Ltd MA07378 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 168.5.0MHz
Model: TB0260A
Part No: MA07378
REV. NO.: 4
TB0260A v4
3
2. Pass band Ripple and Group Delay Ripple
Horizontal : 4MHz/Div. Vertical: 1dB/Div. Vertical: 100nS/Div
3. Wide band Response
Horizontal : 10MHz~500MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com