Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07421 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07421
Description  SAW Filter 70.0MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07421 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07421 Datasheet HTML 1Page - Golledge Electronics Ltd MA07421 Datasheet HTML 2Page - Golledge Electronics Ltd MA07421 Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 70.0MHz
Model: TB0185A
Part No: MA07421
REV. NO.: 1
TB0185A v1
1
A. MAXIMUM RATING:
1. Input Power Level: +20 dBm
2. Operating Temperature: 0
°C to +70°C
3. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Parameter
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
69.8
70
70.2
Insertion Loss, IL
dB
-
21
23
1 dB Bandwidth
MHz
7.0
7.3
-
3 dB Bandwidth
MHz
7.3
7.9
-
40 dB Bandwidth
MHz
-
10.2
10.75
Amplitude ripple (within
±2.8MHz)
dB
-
0.8
1
Phase Linearity (within
±2.92MHz) (rms)
deg
-
2.5
6
Group Delay ripple (within
±2.92MHz)
nsec
-
50
100
Absolute Delay
µsec
-
1.02
-
Attenuation (Reference level from 0 dB)
10 ~ 64MHz
dB
55
62
-
76~140MHz
dB
55
62
-
Substrate Material
-
-
LT
-
Temperature Coefficient
ppm/
oC
-
-18
-
Ambient Temperature
oC
-
25
-


Similar Part No. - MA07421

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07407 GOLLEDGE-MA07407 Datasheet
106Kb / 4P
SAW Filter 800.0MHz
MA07465 GOLLEDGE-MA07465 Datasheet
163Kb / 4P
SAW Filter 1575.42MHz
MA07466 GOLLEDGE-MA07466 Datasheet
232Kb / 5P
1575.420MHz SAW Filter
MA07470 GOLLEDGE-MA07470 Datasheet
192Kb / 4P
SAW Filter 479.50MHz (Two channel)
MA07479 GOLLEDGE-MA07479 Datasheet
116Kb / 4P
SAW Filter 408.50MHz
More results

Similar Description - MA07421

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05435 GOLLEDGE-MA05435 Datasheet
102Kb / 3P
70.0MHz SAW Filter
MA05987 GOLLEDGE-MA05987 Datasheet
116Kb / 3P
70.0MHz SAW Filter
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
SAW Filter: 70.0MHz
MA06965 GOLLEDGE-MA06965 Datasheet
106Kb / 3P
SAW Filter 70.0MHz
MA06738 GOLLEDGE-MA06738 Datasheet
108Kb / 3P
SAW Filter 70.0MHz
MP05682 GOLLEDGE-MP05682 Datasheet
169Kb / 5P
SAW Filter 70.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
MP05012 GOLLEDGE-MP05012 Datasheet
240Kb / 5P
SAW Filter 70.0MHz
MP05276 GOLLEDGE-MP05276 Datasheet
85Kb / 5P
SAW Filter: 70.0MHz
MP07281 GOLLEDGE-MP07281 Datasheet
153Kb / 6P
SAW Filter 70.0MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com